Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL2730 Datasheet(PDF) 10 Page - Fairchild Semiconductor

No. de pieza HCPL2730
Descripción Electrónicos  Low Input Current High Gain Split Darlington Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL2730 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button HCPL2730 Datasheet HTML 6Page - Fairchild Semiconductor HCPL2730 Datasheet HTML 7Page - Fairchild Semiconductor HCPL2730 Datasheet HTML 8Page - Fairchild Semiconductor HCPL2730 Datasheet HTML 9Page - Fairchild Semiconductor HCPL2730 Datasheet HTML 10Page - Fairchild Semiconductor HCPL2730 Datasheet HTML 11Page - Fairchild Semiconductor HCPL2730 Datasheet HTML 12Page - Fairchild Semiconductor HCPL2730 Datasheet HTML 13Page - Fairchild Semiconductor HCPL2730 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N138, 5N139, NCPL2730, HCPL2731 Rev. 1.0.5
10
Typical Performance Curves (Continued)
Fig. 22 Propagation Delay vs. Temperature
(6N138 / 6N139 Only)
TA - TEMPERATURE (˚C)
010
20
304050607080
0
10
20
30
40
50
HCPL2730 : IF = 1.6 mA, RL = 2.2kΩ
HCPL2731 : IF = 0.5 mA, RL = 4.7kΩ
tPLH (HCPL2731)
tPLH (HCPL2730)
tPHL (HCPL2730)
tPHL (HCPL2731)
Fig. 23 Propagation Delay vs. Temperature
(HCPL2730 / HCPL2731 Only)
TA - TEMPERATURE (˚C)
010
20
304050607080
0
10
20
30
40
50
HCPL2730 : IF = 1.6mA, RL = 2.2kΩ
HCPL2731 : IF = 0.5mA, RL = 4.7kΩ
tPLH (HCPL2731)
tPLH (HCPL2730)
tPHL (HCPL2730)
tPHL (HCPL2731)


Número de pieza similar - HCPL2730

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL2730 HP-HCPL2730 Datasheet
240Kb / 12P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL2730 FAIRCHILD-HCPL2730 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL2730M FAIRCHILD-HCPL2730M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL2730M FAIRCHILD-HCPL2730M Datasheet
442Kb / 14P
   Low current ??0.5mA
More results

Descripción similar - HCPL2730

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com