Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-3140-000E Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-3140-000E
Descripción Electrónicos  0.4 Amp Output Current IGBT Gate Drive Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3140-000E Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3140-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-3140-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-3140-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-3140-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3140-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3140-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3140-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3140-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3140-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Electrical Specifications (DC)
Over recommended operating conditions unless otherwise specified.
Test
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
High Level Output Current
IOH
0.2
A
Vo = VCC- 4
2
5
0.4
0.5
Vo = VCC-10
3
2
Low Level Output Current
IOL
0.2
0.4
A
Vo = VEE+2.5
5
5
0.4
0.5
Vo = VEE+10
6
2
High Level Output Voltage
VOH
VCC-4
VCC-1.8
V
Io = -100 mA
1
6,7
Low Level Output Voltage
VOL
0.4
1
V
Io = 100 mA
4
High Level Supply Current
ICCH
0.7
3
mA
Io = 0 mA
7,8
14
Low Level Supply Current
ICCL
1.2
3
mA
Io = 0 mA
Threshold Input Current
IFLH
7
mA
Io = 0 mA,
9,15
Low to High
Vo>5 V
Threshold Input Voltage
VFHL
0.8
V
High to Low
Input Forward Voltage
VF
1.2
1.5
1.8
V
IF = 10 mA
16
Temperature Coefficient of
DVF/DTA
–1.6
mV/
°C
Input Forward Voltage
Input Reverse Breakdown
BVR
5V
IR = 10 µA
Voltage
Input Capacitance
CIN
60
pF
f = 1 MHz,
VF = 0 V
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
Power Supply
VCC-VEE
10
30
V
Input Current (ON)
IF(ON)
812
mA
Input Voltage (OFF)
VF(OFF)
- 3.6
0.8
V
Operating Temperature
TA
- 40
100
°C


Número de pieza similar - HCPL-3140-000E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3140-500E AVAGO-HCPL-3140-500E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results

Descripción similar - HCPL-3140-000E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020-500E AVAGO-HCPL-3020-500E Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com