Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4824-DEMO Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza SI4824-DEMO
Descripción Electrónicos  BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SI4824-DEMO Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SI4824-DEMO Datasheet HTML 1Page - List of Unclassifed Manufacturers SI4824-DEMO Datasheet HTML 2Page - List of Unclassifed Manufacturers SI4824-DEMO Datasheet HTML 3Page - List of Unclassifed Manufacturers SI4824-DEMO Datasheet HTML 4Page - List of Unclassifed Manufacturers SI4824-DEMO Datasheet HTML 5Page - List of Unclassifed Manufacturers SI4824-DEMO Datasheet HTML 6Page - List of Unclassifed Manufacturers SI4824-DEMO Datasheet HTML 7Page - List of Unclassifed Manufacturers SI4824-DEMO Datasheet HTML 8Page - List of Unclassifed Manufacturers SI4824-DEMO Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Si4820/24-A10
4
Rev. 1.0
1. Electrical Specifications
Table 1. Recommended Operating Conditions1,2
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage3
VDD
2—
3.6
V
Power Supply Powerup Rise Time
VDDRISE
10
µs
Note:
1.
Typical values in the data sheet apply at VDD = 3.3 V and 25 °C unless otherwise stated.
2.
All minimum and maximum specifications in the data sheet apply across the recommended operating conditions for
minimum VDD = 2.7 V.
3.
Operation at minimum VDD is guaranteed by characterization when VDD voltage is ramped down to 2.0 V. Part
initialization may become unresponsive below 2.3 V.
Table 2. DC Characteristics
(VDD = 2.7 to 3.6 V, TA = 0 to 70 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
FM Mode
Supply Current*
IFM
—21.0—
mA
AM/SW Mode
Supply Current*
IAM
—17.0—
mA
Supplies and Interface
VDD Powerdown Current
IDDPD
—10—
µA
*Note:
Specifications are guaranteed by characterization.


Número de pieza similar - SI4824-DEMO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4824-DEMO SILABS-SI4824-DEMO Datasheet
1Mb / 10P
   Si4820/24 DEMO BOARD USER?셎 GUIDE
More results

Descripción similar - SI4824-DEMO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4820-A10 SKYWORKS-SI4820-A10 Datasheet
830Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
SI4836-A10 SKYWORKS-SI4836-A10 Datasheet
884Kb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
logo
Silicon Laboratories
SI4825-A10-CS SILABS-SI4825-A10-CS Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4825-A10 SILABS-SI4825-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30 SILABS-SI4831-B30 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4820-A10 SILABS-SI4820-A10 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4825-A10 SKYWORKS-SI4825-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
SI4831-B30 SKYWORKS-SI4831-B30 Datasheet
854Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com