Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1039X-T1-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI1039X-T1-E3
Descripción Electrónicos  P-Channel 1.8 V (G-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1039X-T1-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI1039X-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1039X-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1039X-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1039X-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1039X-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI1039X-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI1039X-T1-E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
Si1039X
Document Number: 70682
S10-2544-Rev. D, 08-Nov-10
www.vishay.com
1
P-Channel 1.8 V (G-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
Low Threshold
Smallest LITTLE FOOT® Package:
1.6 mm x 1.6 mm
Low 0.6 mm Profile
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Cell Phones and Pagers
- Load Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
- 12
0.165 at VGS = - 4.5 V
- 0.95
0.220 at VGS = - 2.5 V
- 0.82
0.280 at VGS = - 1.8 V
- 0.67
SC-89 (6-LEADS)
6
4
1
2
3
5
Top View
D
D
G
D
D
S
Marking Code
OWL
Lot Traceability
and Date Code
Part Number Code
Ordering Information: Si1039X-T1-GE3 (Lead (Pb)-free and Halogen-free)
Notes:
a. Surface mounted on 1" x 1" FR4 board with minimum copper.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
5 s
Steady State
Unit
Drain-Source Voltage
VDS
- 12
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
- 0.95
- 0.87
A
TA = 70 °C
- 0.76
- 0.69
Pulsed Drain Current
IDM
- 4
Continuous Diode Current (Diode Conduction)a
IS
- 0.18
- 0.14
Maximum Power Dissipationa
TA = 25 °C
PD
0.21
0.17
W
TA = 70 °C
0.13
0.10
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
 5 s
RthJA
500
600
°C/W
Steady State
600
720


Número de pieza similar - SI1039X-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1039X-T1 VISHAY-SI1039X-T1 Datasheet
59Kb / 3P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 07-Feb-05
More results

Descripción similar - SI1039X-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 31-Mar-08
SI2315BDS VISHAY-SI2315BDS_V01 Datasheet
181Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com