Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SM8S12 Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
SM8S12 Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
3 / 4 page SM8S10 thru SM8S43A Note: (1) Automotive grade AEC-Q101 qualified RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted) ORDERING INFORMATION (Example) PREFERRED P/N UNIT WEIGHT (g) PREFERRED PACKAGE CODE BASE QUANTITY DELIVERY MODE SM8S10AHE3/2D (1) 2.605 2D 750 13" diameter paper tape and reel, anode towards the sprocket hole Figure 1. Power Derating Curve Figure 2. Load Dump Power Characteristics (10 ms Exponential Waveform) 0 2.0 4.0 6.0 8.0 0 50 100 150 200 Case Temperature ( °C) 0 2000 1000 3000 4000 5000 6000 25 50 75 100 125 150 175 Case Temperature ( °C) Figure 3. Pulse Waveform Figure 4. Reverse Power Capability 0 50 100 150 t r = 10 µs Peak Value I PPM Half Value - I PPM I PP 2 t d 0 10 20 30 40 t - Time (ms) T J = 25 °C Pulse Width (t d) is defined as the Point where the Peak Current decays to 50 % of I PPM 1000 10 000 10 100 Pulse Width (ms) - ½ IPP Exponential Waveform http://www.luguang.cn mail:lge@luguang.cn |
Número de pieza similar - SM8S12 |
|
Descripción similar - SM8S12 |