Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10EP08DTG Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza MC10EP08DTG
Descripción Electrónicos  3.3V / 5V ECL 2-Input Differential XOR/XNOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP08DTG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC10EP08DTG Datasheet HTML 2Page - ON Semiconductor MC10EP08DTG Datasheet HTML 3Page - ON Semiconductor MC10EP08DTG Datasheet HTML 4Page - ON Semiconductor MC10EP08DTG Datasheet HTML 5Page - ON Semiconductor MC10EP08DTG Datasheet HTML 6Page - ON Semiconductor MC10EP08DTG Datasheet HTML 7Page - ON Semiconductor MC10EP08DTG Datasheet HTML 8Page - ON Semiconductor MC10EP08DTG Datasheet HTML 9Page - ON Semiconductor MC10EP08DTG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MC10EP08, MC100EP08
http://onsemi.com
6
Table 10. 100EP DC CHARACTERISTICS, NECL VCC = 0 V; VEE = −5.5 V to −3.0 V (Note 18)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
20
28
36
20
30
38
20
32
40
mA
VOH
Output HIGH Voltage (Note 19)
−1145 −1020
−895
−1145 −1020
−895
−1145 −1020
−895
mV
VOL
Output LOW Voltage (Note 19)
−1945 −1820 −1695 −1945 −1820 −1695 −1945 −1820 −1695
mV
VIH
Input HIGH Voltage (Single−Ended)
−1225
−880
−1225
−880
−1225
−880
mV
VIL
Input LOW Voltage (Single−Ended)
−1945
−1625 −1945
−1625 −1945
−1625
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 20)
VEE + 2.0
0.0
VEE + 2.0
0.0
VEE + 2.0
0.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
18.Input and output parameters vary 1:1 with VCC.
19.All loading with 50 W to VCC − 2.0 V.
20.VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 11. AC CHARACTERISTICS VCC = 0 V; VEE = −3.0 V to −5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 21)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Frequency (Figure 2)
> 3
> 3
> 3
GHz
tPLH,
tPHL
Propagation Delay to
Output Differential
D, D to Q, Q
170
220
280
180
250
300
200
270
320
ps
tJITTER
Cycle−to−Cycle Jitter (Figure 2)
0.2
< 1
0.2
< 1
0.2
< 1
ps
VPP
Input Voltage Swing
(Differential Configuration)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Times
Q, Q
(20% − 80%)
70
120
170
80
130
180
100
150
200
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
21.Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V.


Número de pieza similar - MC10EP08DTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10EP08DTG ONSEMI-MC10EP08DTG Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
More results

Descripción similar - MC10EP08DTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EP08DG ONSEMI-MC100EP08DG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
logo
Micrel Semiconductor
SY10EP08V MICREL-SY10EP08V Datasheet
110Kb / 7P
   5V/3.3V DIFFERENTIAL 2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
MC10E107 ONSEMI-MC10E107_06 Datasheet
127Kb / 8P
   5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
MC10EP08 ONSEMI-MC10EP08 Datasheet
75Kb / 8P
   Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
Arizona Microtek, Inc
AZ10EL07 AZM-AZ10EL07 Datasheet
73Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07_06 Datasheet
145Kb / 9P
   5.0 V ECL 2-Input XOR/XNOR
December, 2006 ??Rev. 6
logo
Semtech Corporation
SK10EL07U SEMTECH-SK10EL07U Datasheet
110Kb / 4P
   2-Input XOR/XNOR
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07 Datasheet
47Kb / 4P
   2-INPUT XOR/XNOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com