Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMB5353B Datasheet(PDF) 3 Page - PACELEADER INDUSTRIAL

No. de pieza SMB5353B
Descripción Electrónicos  SURFACE MOUNT ZENER TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PACELEADER [PACELEADER INDUSTRIAL]
Página de inicio  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMB5353B Datasheet(HTML) 3 Page - PACELEADER INDUSTRIAL

  SMB5353B Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMB5353B Datasheet HTML 2Page - PACELEADER INDUSTRIAL SMB5353B Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AMBIENAVERAGE FORWARD CURRENT, (A)
0
5
10
7.5
10
5
75
5
20
21.5
20
13.5
150
0
30
38
30
25.5
40
55
50
49
50
70
70
70
68
90
90
90
95
100
100
95
06
1
15
1
38
10
9.6
100
6.8
1000
4.8
0.001
10
0.001
5
0.001
2
0.001
1
0.001
0.45
0.01
12
0.01
5.6
0.01
2.7
0.01
1.8
0.01
0.66
1
15
0.1
7
0.1
3.7
0.1
3.1
0.1
1.2
10
17
1
9
1
5.5
1
5.3
1
4.4
100
18
10
16
10
15
10
15
10
15
100
18
100
18
100
18
100
18
0.001
0.2
0.01
0.4
0.1
1
1
4.1
10
15
100
18
Fig. 3 - Typical Thermal Resistance v.s. Lead Length
Fig. 4 - Maximum Surge Power
Fig. 5 - Typical Thermal Response L, Lead Length=3/8inch
Fig. 1 - Power Temperature Derating Curve
Fig. 2 - Temperature Coefficients v.s.
Zener Voltage
0.0
1.0
2.0
3.0
4.0
5.0
0
25
50
75
100
125
150
175
200
Lead Temperature ,TL (℃)
0
10
20
30
40
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Lead Length to Heat Sink , L, (inches)
1
10
100
1
10
100
1000
Pulse Width, PW, (ms)
Vz=100V
0.1
1
10
100
0.001
0.01
0.1
1
10
100
Pulse Width, PW, (ms)
D=0.5
D=0.2
D=0.1
D=0.05
D=0.01
D=0
Note: Below 0.1 second, Thermal
response curve is applicable
to any lead length (L)
Single Pulse
∆TJLJL(t)PPK
Repetitive Pulse
∆TJLJL(t,D)PPK
1
10
100
10
100
Zener Voltage, Vz, (Volts)
Range
thru
SURFACE MOUNT ZENER TYPE
SURFACE MOUNT ZENER TYPE
SMB5341B
SMB5388B
3
www.paceleader.tw


Número de pieza similar - SMB5353B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SUNMATE electronic Co.,...
SMB5353B SUNMATE-SMB5353B Datasheet
505Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Dc Components
SMB5353B DCCOM-SMB5353B Datasheet
52Kb / 2P
   RECTIFIER SPECIALISTS
logo
Jiangsu High diode Semi...
SMB5353B HDSEMI-SMB5353B Datasheet
1Mb / 5P
   SMBK Plastic-Encapsulate Diodes
logo
Anova Technologies CO.,...
SMB5353B ANOVA-SMB5353B Datasheet
246Kb / 4P
   Surface Mount Zener Diodes
More results

Descripción similar - SMB5353B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PACELEADER INDUSTRIAL
SMC5342B PACELEADER-SMC5342B Datasheet
360Kb / 2P
   SURFACE MOUNT ZENER TYPE
SMA4949A PACELEADER-SMA4949A Datasheet
241Kb / 2P
   SURFACE MOUNT ZENER TYPE
SMB5921B PACELEADER-SMB5921B Datasheet
381Kb / 2P
   SURFACE MOUNT ZENER TYPE
MMSZ5221B PACELEADER-MMSZ5221B Datasheet
197Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM052V4C-MH PACELEADER-ZGFM052V4C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
MMSZ2V4 PACELEADER-MMSZ2V4 Datasheet
233Kb / 4P
   SURFACE MOUNT ZENER TYPE
ZGFM103V3-M PACELEADER-ZGFM103V3-M Datasheet
267Kb / 3P
   SURFACE MOUNT ZENER TYPE
ZGF052V4C-MH PACELEADER-ZGF052V4C-MH Datasheet
210Kb / 4P
   SURFACE MOUNT ZENER TYPE
SMA5921B PACELEADER-SMA5921B Datasheet
361Kb / 3P
   SURFACE MOUNT ZENER TYPE
ZS4728A PACELEADER-ZS4728A Datasheet
262Kb / 3P
   SURFACE MOUNT ZENER TYPE
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com