Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMBJ11 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL |
|
SMBJ11 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL |
1 / 5 page 1 FEATURES MECHANICAL DATA SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS SMB/DO-214AA Dimensions in inches and (millimeters) .130(3.30) .155(3.94) .006(.152) .012(.305) .200(5.08) .004(.102) .160(4.06) .075(1.91) .083(2.11) .083(2.13) .096(2.44) .030(0.76) .050(1.27) .185(4.70) .008(.203) .220(5.59) www.paceleader.tw SMBJ Series PEAK PULSE POWER 600 WATTS REVERSE VOLTAGE 6.8 to 520 Volts 600W peak pulse power capability woth a 10/1000 Low leakage Uni and Bidirectional unit Glass passivated chip Very fast response time Excellent clamping capability μs waveform, repetitive rate (duty cycle):0.01% Case Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Solderable per MIL-STD-750, method 2026 Polarity Color band denotes cathode end except Bipolar Mounting position: Any Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Rating at 25 ℃ ambient temperature unless otherwise specif Note: (1) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum. See Next Table –55 to +150 Power dissipation on infinite heatsink at TL = 75 °C Peak forward surge current, 8.3 ms single half sine- wave unidirectional only (1) 5.0 3.5/5.0 Amps. Maximum instantaneous forward voltage at 50 A for unidirectional only (2) (2) VF= 3.5V on SMBJ5.0 thru SMBJ90A devices and VF= 5.0V onSMBJ100 thru SMBJ440A devices. Operating junction and storage temperature range TJ, TSTG UNIT Symbol 100 Peak pulse current wih a 10/1000μs waveform Watts PD Watts Amps. PPP IPP Parameter Peak power dissipation with a 10/1000μs waveform °C Volts IFSM VF Value Minimum 600 |
Número de pieza similar - SMBJ11 |
|
Descripción similar - SMBJ11 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |