Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM4961GS-G1 Datasheet(PDF) 11 Page - Diodes Incorporated

No. de pieza AM4961GS-G1
Descripción Electrónicos  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4961GS-G1 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AM4961GS-G1 Datasheet HTML 6Page - Diodes Incorporated AM4961GS-G1 Datasheet HTML 7Page - Diodes Incorporated AM4961GS-G1 Datasheet HTML 8Page - Diodes Incorporated AM4961GS-G1 Datasheet HTML 9Page - Diodes Incorporated AM4961GS-G1 Datasheet HTML 10Page - Diodes Incorporated AM4961GS-G1 Datasheet HTML 11Page - Diodes Incorporated AM4961GS-G1 Datasheet HTML 12Page - Diodes Incorporated AM4961GS-G1 Datasheet HTML 13Page - Diodes Incorporated AM4961GS-G1 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet
11
May. 2011 Rev. 2. 4
BCD Semiconductor Manufacturing Limited
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4961
Typical Application
Figure 11. Typical Application of AM4961 (Note 6)
Note 6:
*1. Ground Line Layout
PGND is connected to motor supply stage and GND is
connected to control stage. All ground lines from control
stage are connected to GND.
*2. Stability of Power Supply
C1 is employed to stabilize VCC. Its capacitance is no less
than 1
μF.
*3. Hall Input
To avoid noise, the shortest line is recommended to con-
nect with Hall stage which has about 20mV hysteresis.
Thus, the ideal Hall input is 50mV or over.
*4. COSC Capacitor
When CCP is 100pF, the COSC frequency will be 25kHz.
*5. FG Output
FG output terminal is open collector output which varies
with phase change.
*6. RD Output
RD output terminal is open collector output. It is low at
rotation mode and high when stopped.
*7. HB Pin
This pin is available to output a 1.25V Hall bias voltage.
*8. VMIN Pin
If this pin is disused, connect it directly with VPWM, the
minimum duty cycle will be 10%.
OUT2
OUT1
VCC
GND
VMIN
CT
VPWM
VREF
COSC
HIN-
FG
HB
RD
HIN+
Hall
AM4961
D1
C1
1
μF or greater
R1
27k
R2
10k
R4
39k
R6 330k
R7
100k
R5
100k
PWM
VCC
L1
R3 7.5k
R8
68k
C2
0.33
μF
C3
100pF
C4
0.47
μF
1 (1)
2 (3)
3 (4)
4 (5)
5 (6)
6 (7)
7 (8)
8 (9)
9 (10)
10 (11)
11 (12)
12 (13)
13 (14)
14 (15)
PGND
(16)


Número de pieza similar - AM4961GS-G1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
AM4961GS-G1 DIODES-AM4961GS-G1 Datasheet
393Kb / 17P
   SINGLE PHASE FULL WAVE PWM MOTOR DRIVER
More results

Descripción similar - AM4961GS-G1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
AM4964 DIODES-AM4964 Datasheet
1Mb / 21P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 DIODES-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM9468 DIODES-AM9468 Datasheet
1Mb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
May 2016
AM4963 DIODES-AM4963 Datasheet
561Kb / 16P
   Single Phase Full Wave Direct PWM Motor Driver
logo
BCD Semiconductor Manuf...
AM4961 BCDSEMI-AM4961 Datasheet
198Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 BCDSEMI-AM4962 Datasheet
126Kb / 3P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4963 BCDSEMI-AM4963 Datasheet
53Kb / 2P
   Single Phase Full Wave Direct PWM Motor Driver
AM4962 BCDSEMI-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Eutech Microelectronics...
EUM6898R EUTECH-EUM6898R Datasheet
81Kb / 1P
   Single-Phase Full-Wave Motor Driver with Direct PWM Input
logo
Diodes Incorporated
AM9469 DIODES-AM9469 Datasheet
977Kb / 16P
   LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com