Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM4953FMPTR-G1 Datasheet(PDF) 7 Page - Diodes Incorporated

No. de pieza AM4953FMPTR-G1
Descripción Electrónicos  BTL Drive Single-phase Full-wave Fan Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4953FMPTR-G1 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AM4953FMPTR-G1 Datasheet HTML 3Page - Diodes Incorporated AM4953FMPTR-G1 Datasheet HTML 4Page - Diodes Incorporated AM4953FMPTR-G1 Datasheet HTML 5Page - Diodes Incorporated AM4953FMPTR-G1 Datasheet HTML 6Page - Diodes Incorporated AM4953FMPTR-G1 Datasheet HTML 7Page - Diodes Incorporated AM4953FMPTR-G1 Datasheet HTML 8Page - Diodes Incorporated AM4953FMPTR-G1 Datasheet HTML 9Page - Diodes Incorporated AM4953FMPTR-G1 Datasheet HTML 10Page - Diodes Incorporated AM4953FMPTR-G1 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
BTL Drive Single-phase Full-wave Fan Motor Driver
AM4953
Apr. 2012
Rev. 1. 5
BCD Semiconductor Manufacturing Limited
7
0
5
10
15
20
0
2
4
6
8
10
T
A
=25
oC
I
CC1
(V
CT
=L)
I
CC2
(V
CT
=H)
V
CC
(V)
-25
0
25
50
75
100
125
0
2
4
6
8
10
12
14
V
CC
=12V
I
CC1
(V
CT
=L)
I
CC2
(V
CT
=H)
T
A
(
oC)
-40
0
200
400
600
800
0.0
0.4
0.8
1.2
1.6
2.0
V
CC
=12V,T
A
=25
oC
V
SATH
V
SATL
I
OUT
(mA)
Typical Performance Characteristics
Figure 4. ICC vs. VCC
Figure 5. ICC vs. TA
Figure 6. VSAT vs. IOUT
Figure 7. PD vs.TA
-25
0
25
50
75
100
125
150
0
100
200
300
400
500
600
700
800
T
A
(
oC)
Package: MSOP-10/MSOP-8
-40


Número de pieza similar - AM4953FMPTR-G1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BCD Semiconductor Manuf...
AM4953FMPTR-G1 BCDSEMI-AM4953FMPTR-G1 Datasheet
459Kb / 16P
   BTL Drive Single-phase Full-wave Fan Motor Driver
More results

Descripción similar - AM4953FMPTR-G1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BCD Semiconductor Manuf...
AM4951MM-G1 BCDSEMI-AM4951MM-G1 Datasheet
404Kb / 14P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
Sanyo Semicon Device
LA6595T SANYO-LA6595T Datasheet
77Kb / 4P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6595DM ONSEMI-LA6595DM Datasheet
170Kb / 5P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
January, 2014
logo
Diodes Incorporated
AM4951 DIODES-AM4951 Datasheet
365Kb / 14P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
BCD Semiconductor Manuf...
AM4951 BCDSEMI-AM4951 Datasheet
180Kb / 3P
   BTL Drive Single-phase Full-wave Fan Motor Driver
AM4953 BCDSEMI-AM4953 Datasheet
459Kb / 16P
   BTL Drive Single-phase Full-wave Fan Motor Driver
logo
ON Semiconductor
ENA1443 ONSEMI-ENA1443 Datasheet
77Kb / 4P
   BTL Drive Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LA6581T SANYO-LA6581T Datasheet
91Kb / 5P
   BTL Driver Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
66Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
logo
Sanyo Semicon Device
LA6581CL SANYO-LA6581CL_09 Datasheet
71Kb / 5P
   Fan Motor Driver BTL Driver Single-Phase Full-Wave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com