Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1022R-T1 Datasheet(PDF) 6 Page - Vishay Siliconix

No. de pieza SI1022R-T1
Descripción Electrónicos  N-Channel 60 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1022R-T1 Datasheet(HTML) 6 Page - Vishay Siliconix

  SI1022R-T1 Datasheet HTML 1Page - Vishay Siliconix SI1022R-T1 Datasheet HTML 2Page - Vishay Siliconix SI1022R-T1 Datasheet HTML 3Page - Vishay Siliconix SI1022R-T1 Datasheet HTML 4Page - Vishay Siliconix SI1022R-T1 Datasheet HTML 5Page - Vishay Siliconix SI1022R-T1 Datasheet HTML 6Page - Vishay Siliconix SI1022R-T1 Datasheet HTML 7Page - Vishay Siliconix SI1022R-T1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package Information
www.vishay.com
Vishay Siliconix
C14-0222-Rev. E, 07-Apr-14
2
Document Number: 71348
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For Samsung only
Notes
(1) Millimeters will govern.
(2) Dimension exclusive of mold gate burrs.
(3) Dimension exclusive of mold flash and cutting burrs.
c
b
e
D
Top view
2
1
3
0.150 gauge line
Side view
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.60
0.70
0.80
0.024
0.028
0.031
A1
0.00
0.05
0.10
0.000
0.002
0.004
b
0.18
0.22
0.32
0.007
0.009
0.013
c
0.11
0.13
0.21
0.004
0.005
0.008
D
1.48
1.58
1.68
0.058
0.062
0.066
E
1.50
1.60
1.70
0.059
0.063
0.067
E1
0.66
0.76
0.86
0.026
0.030
0.034
e
0.95
1.00
1.05
0.037
0.039
0.041
L
0.22
0.32
0.42
0.009
0.013
0.017
θ
10°
10°


Número de pieza similar - SI1022R-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1022R-T1-E3 VISHAY-SI1022R-T1-E3 Datasheet
93Kb / 5P
   N-Channel 60-V (D-S) MOSFET
S-81543-Rev. B, 07-Jul-08
SI1022R-T1-GE3 VISHAY-SI1022R-T1-GE3 Datasheet
93Kb / 5P
   N-Channel 60-V (D-S) MOSFET
S-81543-Rev. B, 07-Jul-08
More results

Descripción similar - SI1022R-T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com