Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHC126S14 Datasheet(PDF) 6 Page - Diodes Incorporated

No. de pieza 74AHC126S14
Descripción Electrónicos  QUADRUPLE 3-STATE BUFFERS OE HIGH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC126S14 Datasheet(HTML) 6 Page - Diodes Incorporated

  74AHC126S14 Datasheet HTML 1Page - Diodes Incorporated 74AHC126S14 Datasheet HTML 2Page - Diodes Incorporated 74AHC126S14 Datasheet HTML 3Page - Diodes Incorporated 74AHC126S14 Datasheet HTML 4Page - Diodes Incorporated 74AHC126S14 Datasheet HTML 5Page - Diodes Incorporated 74AHC126S14 Datasheet HTML 6Page - Diodes Incorporated 74AHC126S14 Datasheet HTML 7Page - Diodes Incorporated 74AHC126S14 Datasheet HTML 8Page - Diodes Incorporated 74AHC126S14 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
74AHC126
Document number: DS35346 Rev. 3 - 2
6 of 9
www.diodes.com
January 2013
© Diodes Incorporated
74AHC126
Ordering Information
Device
Package Code
Packaging
7” Tape and Reel
Quantity
Part Number Suffix
74AHC126S14-13
S14
SO-14
2500/Tape & Reel
-13
74AHC126T14-13
T14
TSSOP-14
2500/Tape & Reel
-13
Marking Information
(1) SO-14, TSSOP-14
Part Number
Package
74AHC126S14
SO-14
74AHC126T14
TSSOP-14


Número de pieza similar - 74AHC126S14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC126 PHILIPS-74AHC126 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 29
logo
Nexperia B.V. All right...
74AHC126 NEXPERIA-74AHC126 Datasheet
251Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 5 - 28 April 2020
74AHC126-Q100 NEXPERIA-74AHC126-Q100 Datasheet
715Kb / 16P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74AHC126BQ NXP-74AHC126BQ Datasheet
99Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 04-12 August 2009
logo
Nexperia B.V. All right...
74AHC126BQ NEXPERIA-74AHC126BQ Datasheet
251Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 5 - 28 April 2020
More results

Descripción similar - 74AHC126S14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74AHCT126 DIODES-74AHCT126 Datasheet
311Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HCT126 DIODES-74HCT126 Datasheet
306Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HC126 DIODES-74HC126 Datasheet
312Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74AHC125 DIODES-74AHC125 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HC125 DIODES-74HC125 Datasheet
310Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HCT125 DIODES-74HCT125 Datasheet
284Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74AHCT125 DIODES-74AHCT125 Datasheet
310Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74LVC125A DIODES-74LVC125A Datasheet
231Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
74LVC126A DIODES-74LVC126A Datasheet
230Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
logo
Texas Instruments
SN54125 TI-SN54125_07 Datasheet
648Kb / 22P
[Old version datasheet]   QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com