Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHC86S14-13 Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza 74AHC86S14-13
Descripción Electrónicos  QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC86S14-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  74AHC86S14-13 Datasheet HTML 1Page - Diodes Incorporated 74AHC86S14-13 Datasheet HTML 2Page - Diodes Incorporated 74AHC86S14-13 Datasheet HTML 3Page - Diodes Incorporated 74AHC86S14-13 Datasheet HTML 4Page - Diodes Incorporated 74AHC86S14-13 Datasheet HTML 5Page - Diodes Incorporated 74AHC86S14-13 Datasheet HTML 6Page - Diodes Incorporated 74AHC86S14-13 Datasheet HTML 7Page - Diodes Incorporated 74AHC86S14-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
74AHC86
Document number: DS35344 Rev. 3 - 2
3 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74AHC86
Recommended Operating Conditions (Note 5) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply Voltage
2.0
5.5
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
0
VCC
V
Δt/ΔV
Input Transition Rise or Fall Rate
VCC = 3.0V to 3.6V
100
ns/V
VCC = 4.5V to 5.5V
20
TA
Operating Free-Air Temperature
-40
+125
°C
Note: 5. Unused inputs should be held at VCC or Ground.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Max
Min
Max
VIH
High-Level Input Voltage
2.0V
1.5
1.5
V
3.0V
2.1
2.1
5.5V
3.85
3.85
VIL
Low-Level Input voltage
2.0V
0.5
0.5
V
3.0V
0.9
0.9
5.5V
1.65
1.65
VOH
High-Level Output
Voltage
IOH = -50μA
2.0V
1.9
1.9
V
IOH = -50μA
3.0V
2.9
2.9
IOH = -50μA
4.5V
4.4
4.4
IOH = -4mA
3.0V
2.48
2.40
IOH = -8mA
4.5V
3.80
3.70
VOL
Low-Level Output
Voltage
IOL = 50μA
2.0V
0.1
0.1
V
IOL = 50μA
3.0V
0.1
0.1
IOL = 50μA
4.5V
0.1
0.1
IOL = 4mA
3.0V
0.44
0.55
IOL = 8mA
4.5V
0.44
0.55
II
Input Current
VI = GND to 5.5V
3.6V
±1
±2
μA
ICC
Supply Current
VI = GND or VCC, IO = 0
3.6V
20
40
μA
Operating Characteristics
Parameter
Test
Conditions
VCC = 2.0V
VCC = 3.3V
VCC = 5V
Unit
Typ
Typ
Typ
Cpd
Power Dissipation
Capacitance per Gate
f = 1MHz
9.7
11.5
15.5
pF
Ci
Input Capacitance
Vi = VCC – or GND
4.0
4.0
4.0
pF


Número de pieza similar - 74AHC86S14-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC86 PHILIPS-74AHC86 Datasheet
75Kb / 16P
   Quad 2-input EXCLUSIVE-OR gate
1999 Sep 17
74AHC86 NXP-74AHC86 Datasheet
85Kb / 14P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 02-15 November 2007
logo
Nexperia B.V. All right...
74AHC86 NEXPERIA-74AHC86 Datasheet
235Kb / 14P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 5 June 2020
74AHC86-Q100 NEXPERIA-74AHC86-Q100 Datasheet
705Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHC86BQ NXP-74AHC86BQ Datasheet
85Kb / 14P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 02-15 November 2007
More results

Descripción similar - 74AHC86S14-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HD74LS86 RENESAS-HD74LS86 Datasheet
59Kb / 5P
   Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
SN54ALS86 TI-SN54ALS86 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86 TI-SN54HC86 Datasheet
497Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Hitachi Semiconductor
HD74LS86 HITACHI-HD74LS86 Datasheet
43Kb / 5P
   Quadruple 2-input Exclusive-OR Gates
logo
Texas Instruments
SN54ACT86 TI-SN54ACT86 Datasheet
514Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
8404601DA TI1-8404601DA Datasheet
1Mb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54LVC86A TI-SN54LVC86A Datasheet
520Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN5486 TI-SN5486 Datasheet
647Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Diodes Incorporated
74AHCT86 DIODES-74AHCT86 Datasheet
277Kb / 8P
   QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
logo
Unisonic Technologies
U74AHC86 UTC-U74AHC86 Datasheet
189Kb / 4P
   QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com