Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BUF20800 Datasheet(PDF) 10 Page - Texas Instruments |
|
|
BUF20800 Datasheet(HTML) 10 Page - Texas Instruments |
10 / 32 page POR No Yes InitializeDACOutput LoadDACwithAll0s EEPROM Download TheBUF12840 EntersSlaveMode Set EN=1 BUF12840 SBOS519A – OCTOBER 2010 – REVISED JULY 2011 www.ti.com EEPROM ADDRESS SELECT PINS mode operation is needed, EN should be tied to DVSS; it is recommended that after POR occurs wait EA0 and EA1 are used to select the proper EEPROM at least 15ms before addressing the BUF12840. size. Table 4 shows the start and stop address to Figure 12 shows how EN affects the operation of the load each of the DAC registers. The state of the BUF12840 in a typical application. select pins must be set before the auto read function is activated. The BUF12840 tries to read up to 10 times spaced 1ms apart during POR, which can occur if the Enable Pin EEPROM is not ready or if the two-wire bus is kept busy by another device. By the end of the tenth The status of EN at power-on reset (POR) attempt, if the download cannot be started, the determines the modes of operation of the BUF12840, BUF12840 goes into slave mode. This action ensures as described in Table 3. If EN = 1, the BUF12840 that the BUF12840 enters slave mode within 25ms acts as a master; after the data download finishes, from the POR condition, regardless if the download is the BUF12840 enters slave mode. If EN = 0, the successful or not. BUF12840 skips the master mode and enters slave mode directly. Once in slave mode after POR, changing the status of EN has no effect on the BUF12840 unless the user issues a GCR (general-call reset) or RA (read again) command. Table 3. EN Modes of Operation EEPROM AUTO ENABLE EN LOGIC LEVEL READ Low 0 Disabled High 1 Enabled After a POR condition is detected by the BUF12840, a 10ms window occurs. As long as EN goes high in this window, the BUF12840 downloads data from the EEPROM. It is recommended that this pin be tied to DVDD if the application allows. However, if only slave Figure 12. Effect of EN in a Typical Set Up Table 4. EEPROM Configuration REGISTER BANK0 REGISTER BANK1 START WORD END WORD START WORD END WORD ACCEPTABLE EA0 EA1 ADDRESS ADDRESS ADDRESS ADDRESS EEPROM(1)(2) 0 0 0 23 24 47 1k, 2k, 4k, 8k, 16k 0 1 361 384 405 428 2k, 4k, 8k, 16k 32k, 64k, 128k, 256k 1 0 0 23 24 47 and larger 32k, 64k, 128k, 256k 1 1 361 384 405 428 and larger (1) Any applicable EEPROM chip select pins (A2, A1, A0) must be hardwired to GND. (2) When EA0 = 0 and EA1 = 1, it is required that the types of EEPROM that supports Page/Block address definition with chip select pins (for example, A0 is part of the Word Address). 10 Copyright © 2010–2011, Texas Instruments Incorporated |
Número de pieza similar - BUF20800 |
|
Descripción similar - BUF20800 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |