Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUF11705 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza BUF11705
Descripción Electrónicos  Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

BUF11705 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BUF11705 Datasheet HTML 4Page - Texas Instruments BUF11705 Datasheet HTML 5Page - Texas Instruments BUF11705 Datasheet HTML 6Page - Texas Instruments BUF11705 Datasheet HTML 7Page - Texas Instruments BUF11705 Datasheet HTML 8Page - Texas Instruments BUF11705 Datasheet HTML 9Page - Texas Instruments BUF11705 Datasheet HTML 10Page - Texas Instruments BUF11705 Datasheet HTML 11Page - Texas Instruments BUF11705 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
EEPROM
TCON
0.1mF
V
S
BKSEL
A0
SCL
SDA
A1
A0
0.1mF
0.1mF
V
SD
LD
EN
EA0
EA1
1mF
V
S
V
SD
BUF12840
OUT11
OUT10
OUT9
OUT8
OUT7
OUT6
OUT5
OUT4
OUT3
OUT2
OUT1
OUT0
10kW
10kW
BUF12840
SBOS519A
– OCTOBER 2010 – REVISED JULY 2011
www.ti.com
Figure 10. Typical Application Configuration
code.
Table
2
provides
a
reference
for
the
High-speed mode command code. (Note that this
DATA RATES
configuration
is
different
from
normal
address
The two-wire bus operates in one of three speed
bytes
—the low bit does not indicate read/write
modes:
status.) The BUF12840 responds to the High-speed
Standard: allows a clock frequency of up to
command regardless of the value of these last three
100kHz;
bits. The BUF12840 does not acknowledge this byte;
the
communication
protocol
prohibits
Fast: allows a clock frequency of up to 400kHz;
acknowledgment of the Hs master code. Upon
and
receiving a master code, the BUF12840 switches on
High-speed mode (also called Hs mode): allows a
its Hs mode filters, and communicates at up to
clock frequency of up to 3.4MHz.
3.4MHz. Additional high-speed transfers may be
The BUF12840 is fully compatible with all three
transmitted without resending the Hs mode byte by
modes. No special action is required to use the
generating a repeat START without a STOP. The
device in Standard or Fast modes, but High-speed
BUF12840 switches out of Hs mode with the next
mode must be activated. To activate High-speed
STOP condition.
mode, send a special address byte of 00001 xxx, with
SCL
≤ 400kHz, following the START condition; where
xxx are bits unique to the Hs-capable master, which
can be any value. This byte is called the Hs master
8
Copyright
© 2010–2011, Texas Instruments Incorporated


Número de pieza similar - BUF11705

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
BUF11705 BURR-BROWN-BUF11705 Datasheet
304Kb / 17P
   22 - V Supply, 10 1 Channel Gamma Correction Buffer
logo
Texas Instruments
BUF11705 TI1-BUF11705 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF11705 TI1-BUF11705 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM
BUF11705 TI1-BUF11705 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator
logo
Burr-Brown (TI)
BUF11705AIPWPR BURR-BROWN-BUF11705AIPWPR Datasheet
304Kb / 17P
   22 - V Supply, 10 1 Channel Gamma Correction Buffer
More results

Descripción similar - BUF11705

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BUF12840 TI-BUF12840_12 Datasheet
395Kb / 26P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF16821 TI-BUF16821_1 Datasheet
813Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
EPCOS
BUF16821 EPCOS-BUF16821 Datasheet
826Kb / 29P
   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Texas Instruments
BUF16821 TI-BUF16821 Datasheet
826Kb / 29P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF08821 TI-BUF08821 Datasheet
778Kb / 27P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF22821 TI-BUF22821 Datasheet
751Kb / 25P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF08832 TI-BUF08832 Datasheet
800Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF08832 TI1-BUF08832_14 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
logo
ON Semiconductor
NCS12802 ONSEMI-NCS12802 Datasheet
1,021Kb / 21P
   Programmable Gamma Voltage Reference Generator with Integrated Auto-read
June, 2012 ??Rev. 0
logo
Burr-Brown (TI)
BUF20800 BURR-BROWN-BUF20800 Datasheet
752Kb / 27P
   18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com