Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SSA24-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SSA24-E3
Descripción Electrónicos  High-Current Density Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SSA24-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SSA24-E3 Datasheet HTML 1Page - Vishay Siliconix SSA24-E3 Datasheet HTML 2Page - Vishay Siliconix SSA24-E3 Datasheet HTML 3Page - Vishay Siliconix SSA24-E3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSA23L, SSA24
www.vishay.com
Vishay General Semiconductor
Revision: 17-Dec-12
2
Document Number: 88882
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Note
(1) Aluminum substrate mounted
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
SSA23L
SSA24
UNIT
TYP.
MAX.
TYP.
MAX.
Maximum instantaneous forward voltage (1)
2.0 A
TJ = 25 °C
VF
0.43
0.45
0.45
0.49
V
TJ = 125 °C
0.32
0.38
0.36
0.42
Maximum reverse current at rated VR (2)
TJ = 25 °C
IR
-0.5
-0.2
mA
TJ = 125 °C
15
25
12
20
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SSA23L
SSA24
UNIT
Typical thermal resistance (1)
RJA
110
°C/W
RJL
28
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SSA23L-E3/61T
0.064
61T
1800
7" diameter plastic tape and reel
SSA23L-E3/5AT
0.064
5AT
7500
13" diameter plastic tape and reel
SSA23LHE3/61T (1)
0.064
61T
1800
7" diameter plastic tape and reel
SSA23LHE3/5AT (1)
0.064
5AT
7500
13" diameter plastic tape and reel
SSA23LHE3_A/H (1)
0.064
H
1800
7" diameter plastic tape and reel
SSA23LHE3_A/I (1)
0.064
I
7500
13" diameter plastic tape and reel
0
1.0
1.5
2.0
2.5
75
50
25
0
100
125
150
0.5
SSA23L
SSA24
Lead Temperature (°C)
0
10
20
30
40
50
60
70
1
100
10
Number of Cycles at 60 Hz


Número de pieza similar - SSA24-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SSA24 VISHAY-SSA24 Datasheet
79Kb / 2P
   High-Current Density Surface Mount Schottky Rectifier
02-Apr-04
SSA24 VISHAY-SSA24 Datasheet
105Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 19-May-08
SSA24 VISHAY-SSA24 Datasheet
81Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 20-Apr-11
logo
Shenzhen Taychipst Elec...
SSA24 TAYCHIPST-SSA24 Datasheet
9Mb / 2P
   High-Current Density Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SSA24 VISHAY-SSA24 Datasheet
78Kb / 4P
   High Current Density Surface Mount Schottky Rectifier
Revision: 28-Apr-14
More results

Descripción similar - SSA24-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
B230LA VISHAY-B230LA Datasheet
58Kb / 2P
   High-Current Density Surface Mount Schottky Rectifier
15-Dec-03
logo
Shenzhen Taychipst Elec...
SSA23L TAYCHIPST-SSA23L Datasheet
9Mb / 2P
   High-Current Density Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SS3P4 VISHAY-SS3P4 Datasheet
87Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
26-Jun-06
B230LA VISHAY-B230LA_08 Datasheet
102Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 19-May-08
SS2P5 VISHAY-SS2P5_08 Datasheet
104Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 19-May-08
SS3P4 VISHAY-SS3P4_08 Datasheet
103Kb / 4P
   High Current Density Surface Mount Schottky Rectifier
Revision: 25-Aug-08
SS10PH45 VISHAY-SS10PH45 Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 30-Jul-08
SS10PH45 VISHAY-SS10PH45_15 Datasheet
97Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 01-Dec-14
SSC53L-M3 VISHAY-SSC53L-M3 Datasheet
91Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 07-Jan-15
SSC53L-M3 VISHAY-SSC53L-M3_15 Datasheet
81Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 07-Jan-15
B230LA VISHAY-B230LA_15 Datasheet
78Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 14-Jan-14
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com