Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2090 Datasheet(PDF) 3 Page - NEC

No. de pieza 2SK2090
Descripción Electrónicos  N-Channel MOS FET FOR HIGH-SPEED SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

2SK2090 Datasheet(HTML) 3 Page - NEC

  2SK2090 Datasheet HTML 1Page - NEC 2SK2090 Datasheet HTML 2Page - NEC 2SK2090 Datasheet HTML 3Page - NEC 2SK2090 Datasheet HTML 4Page - NEC 2SK2090 Datasheet HTML 5Page - NEC 2SK2090 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK2090
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TA - Ambient Temperature - ˚C
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. DRAIN CURRENT
ID - Drain Current - mA
30
100
80
60
40
20
0
60
90
120
150
1
100
80
60
40
20
0
2345
4.0 V
3.5 V
3.0 V
2.5 V
VGS = 2.0 V
100
10
1
0.1
0.01
0.001
0
VDS = 3 V
123
100
50
20
1
100
VDS = 3 V
10
2
5
10
20
50
125 ˚C
TA = –25˚ C
25˚ C
100
50
20
10
2
5
1
100
VGS = 2.5 V
1
2
5
10
20
50
TA = 75 ˚C
25 ˚C
–25 ˚C
TA = 75˚C
25˚C
–25˚C
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. DRAIN CURRENT
ID - Drain Current - mA
100
50
20
10
2
5
1
100
VGS = 4 V
1
2
5
10
20
50
TA = 75 ˚C
25 ˚C
–25 ˚C


Número de pieza similar - 2SK2090

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SK2090 RENESAS-2SK2090 Datasheet
261Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1996
logo
VBsemi Electronics Co.,...
2SK2090-T1-A VBSEMI-2SK2090-T1-A Datasheet
1,012Kb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Descripción similar - 2SK2090

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SK1272 NEC-2SK1272 Datasheet
401Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK2053 NEC-2SK2053 Datasheet
62Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2109 NEC-2SK2109 Datasheet
58Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2110 NEC-2SK2110 Datasheet
58Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2070 NEC-2SK2070 Datasheet
59Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2159 NEC-2SK2159 Datasheet
62Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK1398 NEC-2SK1398 Datasheet
52Kb / 8P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK680A NEC-2SK680A Datasheet
317Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING?
2SK1958 NEC-2SK1958 Datasheet
60Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK1273 NEC-2SK1273 Datasheet
356Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com