Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L-07C82NV6T Datasheet(PDF) 5 Page - Johanson Technology Inc. |
|
L-07C82NV6T Datasheet(HTML) 5 Page - Johanson Technology Inc. |
5 / 5 page 20 www.johansontechnology.com 21 www.johansontechnology.com www.johansontechnology.com 1.0 10 100 500 0.01 0.1 1.0 10 Frequency (GHz) 47N 27N 15N 6N8 3N3 1N5 INDUCTANCE VS FREQUENCY: SIZE 0402 Frequency (GHz) 1.0 10 100 1000 0.01 0.1 1.0 10 Frequency (GHz) R10 56N 27N 12N 4N7 2N2 INDUCTANCE VS FREQUENCY: SIZE 0603 Frequency (GHz) 1.0 10 100 1000 0.01 0.1 1.0 10 Frequency (GHz) R10 56N 27N 12N 4N7 2N2 R15 INDUCTANCE VS FREQUENCY: SIZE 0805 Frequency (GHz) 0 20 40 60 80 100 0.01 0.1 1.0 10 Frequency (GHz) 1N5 3N3 6N8 15N 47N 27N Q VS FREQUENCY: SIZE 0402 Frequency (GHz) 0 20 40 60 80 100 0.01 0.1 1.0 10 Frequency (GHz) 2N2 4N7 12N 27N R10 56N Q VS FREQUENCY: SIZE 0603 Frequency (GHz) 0 50 100 150 0.01 0.1 1.0 10 Frequency (GHz) 2N2 4N7 12N 27N R10 56N R15 Q VS FREQUENCY: SIZE 0805 Frequency (GHz) RF CHARACTERISTICS CHARACTERISTICS (TYPICAL) MECHANICAL & ENVIRONMENTAL CHARACTERISTICS SOLDERABILITY: RESISTANCE TO SOLDERING: THERMAL SHOCK: LIFE TEST: HUMIDITY RESISTANCE: TERMINAL ADHESION: PCB DEFLECTION: SPECIFICATION TEST PARAMETERS Solder coverage ≥ 75% of electrodes L=±10% Q=± 20% Preheat 120±20°C for 1 min. Dip 230±10°C for 3±1 sec. No apparent damage Solder coverage ≥ 75% L=±10% Q=± 20% Preheat 120±20°C for 1 min. Dip 260±10°C for 10±1 sec. No apparent damage L=±10% Q=± 20% 100 cycles: 30±3 minutes @ +100°C then 30±3 min. @ -40°C No apparent damage L=±10% Q=± 20% 1000 ±48 Hours @ +85±2°C, rated current (1-2 hour recovery) Inductance change: 2% or .5pF Max 1000 ±48 Hours @ +40±2°C, 90-95% relative humidity, rated current (1-2 hour recovery) Termination should not pull off. Lateral pull force: 0201 ≥1.0Lbs 0402 ≥1.6Lbs Ceramic should remain undamaged. For 0603 ≥ 2.2Lbs For 0805 ≥4.4Lbs No mechanical damage. Glass Epoxy PCB: 1 mm deflection |
Número de pieza similar - L-07C82NV6T |
|
Descripción similar - L-07C82NV6T |