Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM49352 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza LM49352
Descripción Electrónicos  Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers Earpiece Driver, and Audio DSP
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM49352 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM49352 Datasheet HTML 6Page - Texas Instruments LM49352 Datasheet HTML 7Page - Texas Instruments LM49352 Datasheet HTML 8Page - Texas Instruments LM49352 Datasheet HTML 9Page - Texas Instruments LM49352 Datasheet HTML 10Page - Texas Instruments LM49352 Datasheet HTML 11Page - Texas Instruments LM49352 Datasheet HTML 12Page - Texas Instruments LM49352 Datasheet HTML 13Page - Texas Instruments LM49352 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 104 page
background image
LM49352
SNAS467D – MARCH 2009 – REVISED JUNE 2010
www.ti.com
Electrical Characteristics
A_VDD = LS_VDD = 3.3V; HP_VDD = D_VDD = I/O_VDD = 1.8V
(1) (2)
The following specifications apply for RL(LS) = 8Ω, RL(HP) = 32Ω, f = 1kHz, unless otherwise specified. Limits apply for TA =
25°C.
LM49352
Units
Symbol
Parameter
Conditions
Typical
Limit
(Limit)
(3)
(4)
DC CHARACTERISTICS (Digital current combines D_VDD and I/O_VDD. Analog current combines A_VDD, HP_VDD, and LS_VDD)
Shutdown Mode,
DISD
Digital Shutdown Current
2
µA
fMCLK = 13MHz, PLL Off
fMCLK = 11.2896MHz, fS = 44.1kHz,
Digital Active Current (MP3 Mode)
Stereo DAC On, OSRDAC = 64,
1.2
1.4
mA (max)
PLL Off, HP On
fMCLK = 13MHz
Digital Active Current (FM Mode)
0.2
0.5
mA (max)
Analog Audio modes
fMCLK = 12.288MHz, fS = 48kHz,
DIDD
Digital Active Current
Stereo ADC On, OSRADC = 128,
1.3
1.5
mA (max)
(FM Record Mode)
PLL Off, Stereo Analog Inputs On
fMCLK = 12.288MHz, fS = 8kHz,
Digital Active Current
Mono ADC On, Mono DAC On,
0.5
0.8
mA (max)
(CODEC Mode)
OSRDAC = 64
OSRADC = 128, PLL Off, MIC On
AISD
Analog Shutdown Current
Shutdown Mode
0.1
5
μA (max)
fMCLK = 11.2896MHz, fS = 44.1kHz
Stereo DAC On, OSRDAC = 64
PLL Off, Stereo HP On
Analog Supply Current (MP3 Mode)
From A_VDD
4.3
6
mA (max)
From HP_VDD
1.5
2.7
mA (max)
fMCLK = 13MHz, PLL Off
Stereo Auxiliary Inputs On,
PLL Off, Stereo HP On
Analog Supply Current (FM Mode)
From A_VDD
1.7
2.6
mA (max)
AIDD
From HP_VDD
1.5
2.7
mA (max)
fMCLK = 12.288MHz, fS = 48kHz,
Analog Supply Current
Stereo ADC On, OSRADC = 128,
7.2
9.3
mA (max)
(FM Record Mode)
PLL Off, Stereo Analog Inputs On
fMCLK = 12.288MHz, fS = 8kHz,
Mono ADC On, Mono DAC On,
Analog Supply Current
OSRDAC = 64
6.6
8.7
mA (max)
(CODEC Mode)
OSRADC = 128, PLL Off, MIC On,
EP On
fMCLK = 13MHz,
fPLLOUT = 12MHz, PLL On only
PLLIDD
PLL Total Active Current
From A_VDD
1.9
2.7
mA (max)
From D_VDD
1.4
2
mA (max)
HPIDD
Headphone Quiescent Current
Stereo HP On only
1.5
mA
LSIDD
Loudspeaker Quiescent Current
LS On only
2.2
mA
MICIDD
Microphone Quiescent Current
Mono MIC
0.4
mA
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list guaranteed specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not guaranteed.
(3)
Typical values represent most likely parametric norms at TA = +25ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not guaranteed.
(4)
Datasheet min/max specification limits are guaranteed by test or statistical analysis.
10
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Links: LM49352


Número de pieza similar - LM49352

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM49352 TI1-LM49352 Datasheet
2Mb / 112P
[Old version datasheet]   Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
LM49352 TI-LM49352 Datasheet
2Mb / 106P
[Old version datasheet]   Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
LM49352RL TI1-LM49352RL Datasheet
2Mb / 112P
[Old version datasheet]   Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
LM49352RL/NOPB TI-LM49352RL/NOPB Datasheet
2Mb / 106P
[Old version datasheet]   Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
LM49352RLX TI1-LM49352RLX Datasheet
2Mb / 112P
[Old version datasheet]   Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
More results

Descripción similar - LM49352

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM49352 TI1-LM49352 Datasheet
2Mb / 112P
[Old version datasheet]   Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
LM49352 TI-LM49352_15 Datasheet
2Mb / 106P
[Old version datasheet]   Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
LM49150 TI1-LM49150_14 Datasheet
1Mb / 31P
[Old version datasheet]   Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
National Semiconductor ...
LM49150 NSC-LM49150 Datasheet
782Kb / 28P
   Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
Texas Instruments
LM49150 TI1-LM49150 Datasheet
1Mb / 31P
[Old version datasheet]   Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
National Semiconductor ...
LM49151 NSC-LM49151 Datasheet
174Kb / 4P
   Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
logo
Texas Instruments
LM49360 TI1-LM49360 Datasheet
2Mb / 137P
[Old version datasheet]   Mono Class D Audio Codec PMU with Ground Referenced Headphone Amplifiers, Earpiece Driver, Audio DSP, 2 Step-Down DC-DC Converters, and 7 LDO Regulators
LM49151 TI1-LM49151 Datasheet
1Mb / 34P
[Old version datasheet]   Audio Power Amplifier Series Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
LM49101 TI1-LM49101 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
logo
National Semiconductor ...
LM49101 NSC-LM49101 Datasheet
839Kb / 30P
   Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com