Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST60-24P Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

No. de pieza ST60-24P
Descripción Electrónicos  Interface Connectors for Miniature, Portable Terminal Devices
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

ST60-24P Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ST60-24P Datasheet HTML 4Page - List of Unclassifed Manufacturers ST60-24P Datasheet HTML 5Page - List of Unclassifed Manufacturers ST60-24P Datasheet HTML 6Page - List of Unclassifed Manufacturers ST60-24P Datasheet HTML 7Page - List of Unclassifed Manufacturers ST60-24P Datasheet HTML 8Page - List of Unclassifed Manufacturers ST60-24P Datasheet HTML 9Page - List of Unclassifed Manufacturers ST60-24P Datasheet HTML 10Page - List of Unclassifed Manufacturers ST60-24P Datasheet HTML 11Page - List of Unclassifed Manufacturers ST60-24P Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
ST Series
Interface Connectors for Miniature, Portable Terminal Devices
BRecommended Temperature Profile (Lead-free soldering compound)
(ç)
250
240ç
230ç min
180ç
150ç
200
150
100
60S
30S
50
HRS test conditions
Solder composition: Paste, 96.5%Sn/3.0%Ag/0.5%Cu
Test board: Glass epoxy 35mm∞35mm∞0.8mm thick
The temperature profiles are based on the above conditions.
In individual applications the actual temperature may vary,
depending on solder paste type, volume/thickness and board
size/thickness. Consult your solder paste and equipment
manufacturer for specific recommendations.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Número de pieza similar - ST60-24P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hirose Electric
ST60-24P HIROSE-ST60-24P Datasheet
862Kb / 10P
   Interface Connectors for Miniature, Portable Terminal Devices
More results

Descripción similar - ST60-24P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hirose Electric
ST60-10P HIROSE-ST60-10P Datasheet
862Kb / 10P
   Interface Connectors for Miniature, Portable Terminal Devices
C4650 HIROSE-C4650 Datasheet
612Kb / 11P
   Interface Connectors for Miniature, Portable Terminal Devices
ST60-18P4 HIROSE-ST60-18P4 Datasheet
608Kb / 11P
   Interface Connectors for Miniature, Portable Terminal Devices
logo
Renesas Technology Corp
9TCS1082 RENESAS-9TCS1082 Datasheet
745Kb / 29P
   FOR PORTABLE DEVICES
REV 0.5 102011
logo
List of Unclassifed Man...
ANT-458-SP ETC2-ANT-458-SP Datasheet
304Kb / 1P
   Perfect for compact portable devices
logo
Hirose Electric
MQ172X-3PA HIROSE-MQ172X-3PA_1 Datasheet
308Kb / 7P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
MQ172 HIROSE-MQ172 Datasheet
302Kb / 8P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
logo
ON Semiconductor
B300 ONSEMI-B300 Datasheet
425Kb / 28P
   Audio Processor for Portable Communication Devices
September, 2019 ??Rev. 11
logo
Hirose Electric
MQ172-3SA-CV HIROSE-MQ172-3SA-CV Datasheet
372Kb / 7P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
logo
ON Semiconductor
B300W35A109XXG ONSEMI-B300W35A109XXG Datasheet
467Kb / 31P
   Audio Processor for Portable Communication Devices
February, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com