Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

D050909S-2W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

No. de pieza D050909S-2W
Descripción Electrónicos  TWIN OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MORNSUN [MORNSUN Science& Technology Ltd.]
Página de inicio  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

D050909S-2W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  D050909S-2W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. D050909S-2W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
D_S-2W
A/4-2012
Page 2 of 2
OUTPUT SPECIFICATIONS
APPLICATION NOTE
Item
Test conditions
Min
Typ
Max
Units
Line regulation
For Vin change of 1%
±1.2
10% to 100% load(5V Output)
12.8
15
10% to 100% load(9V Output)
8.3
10
10% to 100% load(12V Output)
6.8
10
Load regulation
10% to 100% load(15V Output)
6.3
10
%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% full load
0.03
%/
°C
Output ripple& Noise*
20MHz Bandwidth
100
150
mVp-p
Switching frequency
Full load, nominal input
70
KHz
*Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of Power
Converter section, application notes.
Note:
1. All specifications measured at TA=25
°C, humidity<75%, nominal input voltage and rated output load
unless otherwise specified.
2. See below recommended circuits for more details.
3. Operation under minimum load will not damage the converter; However, they may not meet all
specification listed, and that will reduce the life of product
TYPICAL CHARACTERISTICS
Operating Temp.( C)
o
OUTLINE DIMENSIONS & PIN CONNECTIONS
1
2
4
5
6
7
Vin
G ND
0 V1
+ Vo1
0 V2
+ Vo2
4
Pin
Fun c tion
FOOTPRINT DETAILS
Note:
Unit:mm[inc h]
Pin section tolerances:
± 0.10mm[ ±0.004inch]
General tolerances:
± 0.50mm[ ±0.020inch]
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT
TUBE OUTLINE DIMENSIONS
Note:
Unit :mm[inch]
General tolerances:
±0.50mm[±0.020inch]
L=530mm[20.866inch] Devices per tube quantity : 25pcs
L=220mm[8.661inch]
Devices per tube quantity: 10pcs
(Bo ttom Vie w)
(Front View)
Short tube inner packaging dimensions: L*W*H=255*170*80mm;
Short tube outer packaging dimensions(with six inner packaging boxes):
L*W*H=375*280*270mm;
Long tube inner packaging dimensions: L*W*H=580*200*100mm;
Long tube outer packaging dimensions(with two inner packaging boxes)
L*W*H=600*215*220mm;
Long tube outer packaging dimensions(with three inner packaging boxes)
L*W*H=600*215*325mm.
Note grid 2.54*2.54mm
:
.
∅1.00 [0.039]
1
2
5
6
7
9.60
[0.378]
4.90 [0.193]
12
5
7
6
19.60[0.772]
0.50[0.020]
15.24[0.600]
2.54[0.100]
4
Requirement on output load
To ensure this module can operate efficiently
and reliably, a minimum load is specified for
this kind of DC/DC converter in addition to a
maximum
load
(namely
full
load).
During
operation, make sure the specified range of
input voltage is not exceeded, the minimum
output load could not be less than 10% of the
full load. If the actual output power is very
small, please connect a resistor with proper
resistance at the output end in parallel to
increase the load,
or use our company
’s
products with a lower rated output power.
Overload Protection
Under normal operating conditions, the output
circuit of these products has no protection
against
over-current
and short-circuits.
The
simplest method is to connect a self-recovery
fuse in series at the input end or add a circuit
breaker to the circuit.
Recommended and testing circuit
If
you
want
to
further
decrease
the
input/output ripple, an
“LC” filtering network may
be connected to the input and output ends of the
DC/DC converter, see (Figure 1).
Vin
GND
+Vo1
0V1
DC
Cin
L
DC
Cout
+Vo2
0V2
L
Cout
L
(Figure 1)
It should also be noted that the inductance
and the frequency of the
“LC” filtering network
should be staggered with the DC/DC frequency
to avoid mutual interference. However, the
capacitance of the output filter capacitor must be
proper. If the capacitance is too big, a startup
problem might arise. For every channel of
output, provided the safe and reliable operation
is ensured, the recommended capacitance of its
filter capacitor sees (Table 1).
EXTERNAL CAPACITOR TABLE (Table 1)
Vin
(VDC)
Cin
(
μF)
Vout
(VDC)
Cou
(
μF)
5
4.7
5
4.7
12
2.2
9
2.2
24
1
12
1
--
--
15
0.47
It
’s not recommend to connect any external capacitor
in the application field with less than 0.5 watt output.
Output Voltage Regulation and Over-voltage
Protection Circuit
The
simplest
device
for
output
voltage
regulation,
over-voltage
and
over-current
protection is a linear voltage regulator with
overheat protection that is connected to the
input or output end in series (Figure 2).
Vin
GND
Vin
GND
REG
Vo1
0V1
Vo1
0V1
DC DC
DC DC
Vo2
0V2
Vo2
0V2
REG
REG
(Figure 2)
No parallel connection or plug and play.


Número de pieza similar - D050909S-2W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangzhou Reicu Electro...
D050909S-2W REICU-D050909S-2W Datasheet
1Mb / 1P
   1600VDC Isolated 2W Double Output SIP-Package
REV:3.1
More results

Descripción similar - D050909S-2W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MORNSUN Science& Techno...
D050505NS-1W MORNSUN-D050505NS-1W Datasheet
143Kb / 2P
   TWIN OUTPUT DC-DC CONVERTER
D030505M-1W MORNSUN-D030505M-1W Datasheet
125Kb / 3P
   TWIN OUTPUT DC-DC CONVERTER
D242323S-1W3-ZK MORNSUN-D242323S-1W3-ZK Datasheet
610Kb / 4P
   TWIN OUTPUT DC-DC CONVERTER
ED120512S-1W MORNSUN-ED120512S-1W Datasheet
233Kb / 2P
   TWIN INDEPENDENT OUTPUT DC-DC CONVERTER
D051212S-1W MORNSUN-D051212S-1W Datasheet
319Kb / 3P
   UNREGULATED TWIN OUTPUT DC-DC CONVERTER
WRD050505MP-3W MORNSUN-WRD050505MP-3W Datasheet
117Kb / 2P
   TWIN OUTPUT DIP DC-DC CONVERTER
WRD050505S-1W MORNSUN-WRD050505S-1W Datasheet
123Kb / 2P
   TWIN OUTPUT SIP DC-DC CONVERTER
ED0505S-1W MORNSUN-ED0505S-1W Datasheet
247Kb / 2P
   TWIN INDEPENDENT OUTPUT DC-DC CONVERTER
logo
Microdc power Technolog...
D-XNM MICRODC-D-XNM Datasheet
418Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
logo
Toppower Electronic Tec...
TPD-3W TOPPOWER-TPD-3W Datasheet
716Kb / 3P
   3W Wide Input Isolated & Regulated twin Output Dip Dc-Dc Converter
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com