Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

E0505S-1WR Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

No. de pieza E0505S-1WR
Descripción Electrónicos  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MORNSUN [MORNSUN Science& Technology Ltd.]
Página de inicio  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

E0505S-1WR Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  E0505S-1WR Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. E0505S-1WR Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. E0505S-1WR Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
E_S-1WR & F_S-1WR
B/0-2012
Page 1 of 3
E_S-1WR & F_S-1WR Series
1W, FIXED INPUT, ISOLATED & UNREGULATED
DUAL/SINGLE OUTPUT DC-DC CONVERTER
Patent Protection
RoHS
FEATURES
PRODUCT PROGRAM
Input
Output
Voltage(VDC)
Current (mA)
Part
Number
Nominal
Range
Voltage
(VDC)
Max
Min
Efficiency
(%)(Typ.)
F0303S-1WR
3.3
303
30
68
F0305S-1WR
3.3
3.0-3.6
5
200
20
70
E0505S-1WR
±5
±100
±10
69
E0509S-1WR
±9
±56
±5
73
E0512S-1WR
±12
±42
±4
74
E0515S-1WR
±15
±34
±3
74
E0524S-1WR
±24
±21
±2
76
F0505S-1WR
5
200
20
73
F0509S-1WR
9
112
11
73
F0512S-1WR
12
83
8
75
F0515S-1WR
15
67
6
75
F0524S-1WR
5
4.5-5.5
24
42
4
76
E1205S-1WR
±5
±100
±10
70
E1212S-1WR
±12
±42
±4
76
E1215S-1WR
±15
±34
±3
76
F1205S-1WR
5
200
20
73
F1209S-1WR
9
112
11
72
F1212S-1WR
12
83
8
75
F1215S-1WR
12
10.8-13.2
15
67
6
76
E1505S-1WR
±5
±100
±10
70
F1515S-1WR
15
13.5-16.5
15
67
6
75
E2405S-1WR
±5
±100
±10
70
E2412S-1WR
±12
±42
±4
76
E2415S-1WR
±15
±34
±3
76
F2403S-1WR
3.3
303
30
70
F2405S-1WR
5
200
20
70
F2412S-1WR
12
83
8
76
F2415S-1WR
24
21.6-26.4
15
67
6
76
Note:Models listed with strike-through text have been officially discontinued.
COMMON SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Storage humidity
95
%
Operating Temperature
-40
85
Storage Temperature
-55
125
Temp. rise at full load
20
30
Lead temperature
1.5mm from case for 10 seconds
300
°C
Cooling
Free air convection
Case material
Plastic (UL94-V0)
Short circuit protection*
Continuous, Auto-recovery
MTBF
1940
K hours
● SIP Package
● Output Short Circuit Protection
● Little Isolation Capacitance
● 3000VDC Isolation Voltage
● Operating Temperature: -40℃~+85℃
● Internal SMD construction
● Industry Standard Pinout
● RoHS Compliance
APPLICATIONS
The
E_S-1WR
&
F_S-1WR
Series
are
specially designed for applications where a
group of polar power supplies are isolated from
the input power supply in a distributed power
supply system on a circuit board.
These products apply to:
1)
Where the voltage of the input power
supply is fixed (voltage variation
≤ ±10%);
2)
Where isolation is necessary between
input and output (isolation voltage
≤3000VDC);
3)
Where
the
regulation
of
the
output
voltage and the output ripple noise are not
demanding.
Such as: purely digital circuits, ordinary low
frequency analog circuits, and IGBT power device
driving circuits.
MODEL SELECTION
F0505S-1WR
Rated Power
ackage Style
P
Output Volt age
Input Voltage
roduct Series
.
P
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development
center, Science Ave., Guangzhou Science City,
Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com
Weight
2.3
g


Número de pieza similar - E0505S-1WR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MORNSUN Science& Techno...
E0505S-1WR2 MORNSUN-E0505S-1WR2 Datasheet
603Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
E0505S-1WR2 MORNSUN-E0505S-1WR2 Datasheet
1Mb / 5P
   DC/DC Converter
logo
Guangzhou Reicu Electro...
E0505S-1WR2 REICU-E0505S-1WR2 Datasheet
1Mb / 1P
   3000VDC Isolated 1W Double Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
E0505S-1WR3 MORNSUN-E0505S-1WR3 Datasheet
632Kb / 5P
   1W, Fixed input voltage , isolated & unregulated dual/single output
More results

Descripción similar - E0505S-1WR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com