Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT54C Datasheet(PDF) 2 Page - Micro Commercial Components

No. de pieza BAT54C
Descripción Electrónicos  200mWatt, 30Volt Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT54C Datasheet(HTML) 2 Page - Micro Commercial Components

  BAT54C Datasheet HTML 1Page - Micro Commercial Components BAT54C Datasheet HTML 2Page - Micro Commercial Components BAT54C Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.mccsemi.com
BAT54 thru BAT54S
MCC
Revision:
B
20
13/01/01
TM
Micro Commercial Components
0.1
0.01
1
0.001
0.0001
0
1.0
0.4
0.6
0.8
0.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Forward Characteristics
F
T = -40ºC
A
T = 125ºC
A
T = 75ºC
A
T = 25ºC
A
T = 0ºC
A
0.001
0.01
0.1
10
1
100
0
5
10
15
20
25
30
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
T = 25ºC
A
T = 75ºC
A
T = 125ºC
A
T = 0ºC
A
0
100
0
25
50
75
100
125
T , AMBIENT TEMPERATURE ( C)
Fig. 4 Power Derating Curve
A
°
200
0
2
4
10
8
6
12
0
10
15
5
20
30
25
V , REVERSE VOLTAGE (V)
Fig. 3 Typical Capacitance vs. Reverse Voltage
R
f = 1.0MHz
BAT54
BAT54A
BAT54C
BAT54S
Figure 1
Figure 2
Figure 3
Figure 4
Pin Configuration - Top View
1
2
3
2 of 3


Número de pieza similar - BAT54C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
BAT54C PANJIT-BAT54C Datasheet
112Kb / 3P
   SURFACT MOUNT SCHOTTKY BARRIER
logo
Chip Integration Techno...
BAT54C CITC-BAT54C Datasheet
158Kb / 3P
   200mA Surface Mount Small Signal Diodes
logo
EIC discrete Semiconduc...
BAT54C EIC-BAT54C Datasheet
111Kb / 2P
   SMALL SIGNAL SCHOTTKY DIODE, SINGLE & DUAL
logo
NXP Semiconductors
BAT54C NXP-BAT54C Datasheet
302Kb / 11P
   Planar Schottky barrier diodes with an integrated guard ring for stress protection, encapsulated in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
Rev. 5-5 October 2012
logo
Formosa MS
BAT54C FORMOSA-BAT54C Datasheet
86Kb / 2P
   Surface Mount Schottky Diode - Silicon epitaxial planar type
More results

Descripción similar - BAT54C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
BAT54WS MCC-BAT54WS Datasheet
193Kb / 3P
   200mWatt, 30Volt Schottky Barrier Diode
BAT54AWT-TP MCC-BAT54AWT-TP Datasheet
380Kb / 3P
   200mWatt, 30Volt Schottky Barrier Diode
BAT54WS MCC-BAT54WS_13 Datasheet
322Kb / 3P
   200mWatt, 30Volt Schottky Barrier Diode
BAT54LP MCC-BAT54LP Datasheet
446Kb / 2P
   200mWatt, 30Volt Schottky Barrier Diode
BAT54W MCC-BAT54W Datasheet
252Kb / 3P
   200mWatt, 30Volt Schottky Barrier Diode
BAT54TW MCC-BAT54TW Datasheet
236Kb / 3P
   200mWatt, 30Volt Schottky Barrier Diode
BAT54C-TP MCC-BAT54C-TP Datasheet
257Kb / 3P
   200mWatt, 30Volt Schottky Barrier Diode
BAT54 MCC-BAT54_14 Datasheet
363Kb / 3P
   200mWatt, 30Volt Schottky Barrier Diode
BAT54TW MCC-BAT54TW_13 Datasheet
267Kb / 3P
   200mWatt, 30Volt Schottky Barrier Diode
BAT54 MCC-BAT54_11 Datasheet
201Kb / 3P
   200mWatt, 30Volt Schottky Barrier Diode
BAT54L2 MCC-BAT54L2 Datasheet
407Kb / 3P
   200mWatt, 30Volt Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com