Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDCM6208 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CDCM6208
Descripción Electrónicos  2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208 Datasheet(HTML) 2 Page - Texas Instruments

  CDCM6208 Datasheet HTML 1Page - Texas Instruments CDCM6208 Datasheet HTML 2Page - Texas Instruments CDCM6208 Datasheet HTML 3Page - Texas Instruments CDCM6208 Datasheet HTML 4Page - Texas Instruments CDCM6208 Datasheet HTML 5Page - Texas Instruments CDCM6208 Datasheet HTML 6Page - Texas Instruments CDCM6208 Datasheet HTML 7Page - Texas Instruments CDCM6208 Datasheet HTML 8Page - Texas Instruments CDCM6208 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 89 page
background image
CDCM6208
SCAS931F – MAY 2012 – REVISED APRIL 2014
www.ti.com
Table of Contents
Characteristics ......................................................... 15
1
Features .................................................................. 1
7.20
Device Individual Block Current Consumption...... 16
2
Applications ........................................................... 1
7.21
Worst Case Current Consumption ........................ 17
3
Description ............................................................. 1
7.22
Timing Requirements, I2C Timing ......................... 17
4
Simplified Schematics........................................... 1
7.23
Typical Characteristics .......................................... 19
5
Revision History..................................................... 2
8
Parameter Measurement Information ................ 21
6
Pin Configuration and Functions ......................... 4
9
Detailed Description ............................................ 26
7
Specifications......................................................... 6
9.1
Overview ................................................................. 26
7.1
Absolute Maximum Ratings ...................................... 6
9.2
Functional Block Diagram ....................................... 26
7.2
Handling Ratings....................................................... 6
9.3
Feature Description................................................. 26
7.3
Recommended Operating Conditions ....................... 7
9.4
Device Functional Modes........................................ 35
7.4
Thermal Information, Airflow = 0 LFM....................... 7
9.5
Programming........................................................... 48
7.5
Thermal Information, Airflow = 150 LFM................... 8
9.6
Register Maps ......................................................... 49
7.6
Thermal Information, Airflow = 250 LFM................... 8
10
Application and Implementation........................ 61
7.7
Thermal Information, Airflow = 500 LFM................... 8
10.1
Application Information.......................................... 61
7.8
Single Ended Input Characteristics (SI_MODE[1:0],
10.2
Typical Applications .............................................. 61
SDI/SDA/PIN1, SCL/PIN4, SDO/ADD0/PIN2,
SCS/ADD1/PIN3, STATUS1/PIN0, RESETN/PWR,
11
Power Supply Recommendations ..................... 70
PDN, SYNCN, REF_SEL).......................................... 9
11.1
Power Rail Sequencing, Power Supply Ramp Rate,
7.9
Single Ended Input Characteristics (PRI_REF,
and Mixing Supply Domains .................................... 70
SEC_REF) ................................................................. 9
11.2
Device Power up Timing ....................................... 71
7.10
Differential Input Characteristics (PRI_REF,
11.3
Power Down.......................................................... 74
SEC_REF) ............................................................... 10
11.4
Power Supply Ripple Rejection (PSRR) versus
7.11
Crystal Input Characteristics (SEC_REF) ............ 10
Ripple Frequency ..................................................... 74
7.12
Single Ended Output Characteristics (STATUS1,
12
Layout................................................................... 75
STATUS0, SDO, SDA) ............................................ 11
12.1
Layout Guidelines ................................................. 75
7.13
PLL Characteristics .............................................. 11
12.2
Reference Schematics .......................................... 77
7.14
LVCMOS Output Characteristics ......................... 12
13
Device and Documentation Support ................. 81
7.15
LVPECL (High-Swing CML) Output
13.1
Trademarks ........................................................... 81
Characteristics ......................................................... 13
13.2
Electrostatic Discharge Caution ............................ 81
7.16
CML Output Characteristics................................. 13
13.3
Glossary ................................................................ 81
7.17
LVDS (Low-Power CML) Output Characteristics . 14
14
Mechanical, Packaging, and Orderable
7.18
HCSL Output Characteristics............................... 14
Information ........................................................... 81
7.19
Output Skew and Sync to Output Propagation Delay
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (March 2013) to Revision F
Page
Changed layout of data sheet to conform to new TI standards. Added the following sections: Handling Ratings,
Thermal Information, Typical Characteristics, Programming, Register Maps, Layout and Layout Guidelines ..................... 1
Changed from zero to one ................................................................................................................................................... 50
Added text at the end of the first paragraph in Power Down section .................................................................................. 74
Changed fOUT = 122.88 MHz, VDD Supply Noise = 100 mVpp............................................................................................ 74
Changes from Revision D (March 2013) to Revision E
Page
Changed the data sheet layout to the new TI standard ......................................................................................................... 1
Added the Handling Ratings table .......................................................................................................................................... 6
Changed Pullup and Pulldown value From: MIN = 40 To: 35 k
Ω and MAX = 60 To: 65 kΩ ................................................ 9
Changed the from Random Jitter, Maximum in Table 2 From: 10k - 20MHZ To: 12k - 20MHZ and From: 0.5 ps-rms
(int div) To: 0.3 ps-rms (int div) ............................................................................................................................................ 27
Added new Note 1 to Table 2............................................................................................................................................... 27
2
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: CDCM6208


Número de pieza similar - CDCM6208

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208 TI1-CDCM6208 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1FRGZR TI1-CDCM6208V1FRGZR Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1FRGZT TI1-CDCM6208V1FRGZT Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
More results

Descripción similar - CDCM6208

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com