Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2415 Datasheet(PDF) 3 Page - NEC

No. de pieza 2SK2415
Descripción Electrónicos  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

2SK2415 Datasheet(HTML) 3 Page - NEC

  2SK2415 Datasheet HTML 1Page - NEC 2SK2415 Datasheet HTML 2Page - NEC 2SK2415 Datasheet HTML 3Page - NEC 2SK2415 Datasheet HTML 4Page - NEC 2SK2415 Datasheet HTML 5Page - NEC 2SK2415 Datasheet HTML 6Page - NEC 2SK2415 Datasheet HTML 7Page - NEC 2SK2415 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SK2415, 2SK2415-Z
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
40
60
100
120
140
160
20
40
60
80
100
Tc - Case Temperature - °C
020
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
20
40
60
80
100
120
140
160
8
12
16
20
24
Tc - Case Temperature - °C
0
4
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
0
2
40
46
8
VDS - Drain to Source Voltage - V
32
24
16
8
FORWARD BIAS SAFE OPERATING AREA
100
10
0.1
1
10
100
VDS - Drain to Source Voltage - V
0.1
1
Power
Dissipation
Limited
10
ms
DC
R
DS
(on)
Limited
(at
V
GS
=
10
V)
ID (DC)
ID (pulse)
100
s
1 ms
TC = 25 °C
Single Pulse
PW
=
10
s
Pulsed
VGS = 4 V
VGS = 6 V
VGS = 10 V
FORWARD TRANSFER CHARACTERISTICS
04
8
VGS - Gate to Source Voltage - V
123
5
6
7
Ta = - 25 °C
25 °C
125 °C
Pulsed
VDS = 10 V
100
1000
1
10
µ
µ
80


Número de pieza similar - 2SK2415

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SK2415 KEXIN-2SK2415 Datasheet
46Kb / 1P
   MOS Field Effect Transistor
logo
VBsemi Electronics Co.,...
2SK2415 VBSEMI-2SK2415 Datasheet
960Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK2415 ISC-2SK2415 Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2415 RENESAS-2SK2415 Datasheet
316Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
1994
logo
Inchange Semiconductor ...
2SK2415-Z ISC-2SK2415-Z Datasheet
379Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK2415

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com