Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD05-23B05 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

No. de pieza LD05-23B05
Descripción Electrónicos  AC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MORNSUN [MORNSUN Science& Technology Ltd.]
Página de inicio  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LD05-23B05 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LD05-23B05 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LD05-23B05 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LD05-23B05 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LD05-23B05 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AC/DC Converter
LD05-23BXX Series
2014.03.31-A/1
Page 1 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
5W, AC-DC converter
CB RoHS
FEATURES
Universal input range:85~305VAC/110~430VDC
AC and DC all in one (input from the same terminal)
High efficiency, high power density
Protection of output short circuit output over -current,
over –voltage
Meets IEC60950/EN60950/UL60950
LD05-23BXX series is a compact size power converter offered by Mornsun. It features universal input voltage, taking both DC and AC input
voltage, low power consumption, high efficiency, high reliability, safer isolation. It offers good EMC performance, and widely used in LED,
street lamp control, instruments, telecommunication and civil applications. For harsh EMC environment, the application circuit in the
datasheet is strongly recommended.
Selection Guide
Certification
Part No.
Output Power
Nominal Output
Voltage and Current
(Vo/Io)
Efficiency
(230VAC, %/Typ.)
Max. Capacitive
Load*(μF)
UL/CE
LD05-23B03
4.2 W
3.3V/1250mA
74
4000
LD05-23B05
5W
5V/1000mA
78
4000
LD05-23B09
9V/550mA
78
1000
LD05-23B12
12V/420mA
80
820
LD05-23B15
15V/333mA
82
820
LD05-23B24
5.5 W
24V/230mA
83
680
Note: *Test without external circuit.
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Voltage Range
AC input
85
--
305
VAC
DC input
110
--
430
VDC
Input frequency
47
--
440
Hz
Input current
110VAC
--
--
0.12
A
230VAC
--
--
0.07
Inrush current
110VAC
--
10
--
230VAC
--
20
--
Recommended External Input Fuse
1A/300V, slow fusing
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
3.3V output
--
±3
--
%
Others
--
±2
--
Line Regulation
Full load
--
±0.5
--
Load Regulation
10%-100% load
--
±1
--
Output Ripple & Noise*
20MHz bandwidth (peak-peak value)
--
50
100
mV
Temperature Drift Coefficient
--
±0.02
--
%/°C
Stand-by Power Consumption
--
--
0.3
W
Short Circuit Protection
Continuous, self-recovery
Over-current Protection
≥110%Io self-recovery


Número de pieza similar - LD05-23B05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MORNSUN Science& Techno...
LD05-23B05 MORNSUN-LD05-23B05 Datasheet
359Kb / 5P
   5W, AC-DC converter
More results

Descripción similar - LD05-23B05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com