Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2415-Z Datasheet(PDF) 4 Page - NEC

No. de pieza 2SK2415-Z
Descripción Electrónicos  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

2SK2415-Z Datasheet(HTML) 4 Page - NEC

  2SK2415-Z Datasheet HTML 1Page - NEC 2SK2415-Z Datasheet HTML 2Page - NEC 2SK2415-Z Datasheet HTML 3Page - NEC 2SK2415-Z Datasheet HTML 4Page - NEC 2SK2415-Z Datasheet HTML 5Page - NEC 2SK2415-Z Datasheet HTML 6Page - NEC 2SK2415-Z Datasheet HTML 7Page - NEC 2SK2415-Z Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SK2415, 2SK2415-Z
4
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
1000
100
10
1
0.1
0.01
10
100
1 m
10 m
100 m
1
10
100
1000
PW - Pulse Width - s
160
140
120
100
80
60
40
20
0
DRAIN TO SOURCE ON-STATE
RESITANCE vs. DRAIN CURRENT
1
100
ID - Drain Current - A
10
2.0
1.5
1.0
0.5
0
- 50
- 25
0
25
50
75
100
125
150
VDS = 10 V
ID = 1 mA
Tch - Channel Temperature - °C
GATE TO SOURCE CUTOFF VOLTAGE vs.
CHANNEL TEMPERATURE
Pulsed
Single Pulse
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
100
10
1
110
Ta = - 25 °C
25 °C
75 °C
125 °C
VDS = 10 V
Pulsed
ID - Drain Current - A
0.1
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
140
120
100
80
60
40
20
510
15
20
VGS - Gate to Source Voltage - V
Pulsed
25
0
ID = 4.0 A
VGS = 4 V
VGS = 10 V
Rth(ch-a) = 125 °C/W
Rth(ch-c) = 6.25 °C/W
µµ


Número de pieza similar - 2SK2415-Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SK2415-Z ISC-2SK2415-Z Datasheet
379Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
2SK2415-Z-E1-AZ VBSEMI-2SK2415-Z-E1-AZ Datasheet
1,002Kb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Descripción similar - 2SK2415-Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com