Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LS05-15B15SS Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

No. de pieza LS05-15B15SS
Descripción Electrónicos  AC/DC converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MORNSUN [MORNSUN Science& Technology Ltd.]
Página de inicio  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS05-15B15SS Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LS05-15B15SS Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS05-15B15SS Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS05-15B15SS Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS05-15B15SS Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LS05-15B15SS Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AC/DC Converter
LS05-15BXXSS Series
2014.04.14-A/0
Page 3 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
LS05-15B05SS
efficiency
LS05-15B12SS
efficiency
LS05-15B24SS
efficiency
60
65
70
75
80
85
90
85
110
120
220
230
240
264
Input Voltage(VAC)
LS05-15BXXSS AC Input
Efficiency Vs Input Voltage(Full Load)
85VAC
230VAC
240VAC
50
55
60
65
70
75
80
85
90
10
20
30
40
50
60
70
80
90
100
Output Power Percentage(%)
LS05-15B12SS AC Input
Efficiency Vs Output Load
LS05-15B05SS
efficiency
LS05-15B12SS
efficiency
LS05-15B24SS
efficiency
70
72
74
76
78
80
82
84
86
88
90
100
150
200
250
300
350
400
Input Voltage(VDC)
LS05-15BXXSS DC Input
Efficiency Vs Input Voltage(Full Load)
200VDC Input
efficiency
300VDC Input
efficiency
400VDC Input
efficiency
60
65
70
75
80
85
90
10
20
30
40
50
60
70
80
90
100
Output Power Percentage(%)
LS05-15B12SS DC Input
Efficiency Vs Output Load
Design Reference
1. Typical application circuit
C2
1
+Vo
-Vo
TVS
RL
12
14
AC(L)
AC(N)
C1
+
5
3
MOV
7
AC/DC
CY0
+
C3
CX1
R1
FUSE
NTC
Fig. 1: Typical application circuit
Note:
1. C1: When AC input, C1 is used as filter capacitor, the value of C1 is recommended to be 10μF/400V.
When DC input, C1 is used as EMC filter capacitor, the value of C1 is recommended to be 10μF/400V(when the input voltage is above 370VDC, the
recommended value of C1 is 10μF/450V).
2. Output filtering capacitor C2 is electrolytic capacitor, C2 is recommended toapply electrolytic capacitor with high frequency and low resistance. For
capacitance and current of capacitor please refer to manufacture’s datasheet. Capacitance withstand voltage derating should be 80% or above. C3 is
ceramic capacitor, which is used to filter high-frequency noise.
Model
C1
(Required)
C2
(Required)
R1
C3
CX1
CY0
NTC
MOV
FUSE
(Required)
TVS
LS05-15B03SS
10μF/400V
220μF/35V
12Ω/2W
100nF/
50V
0.1μF/
275VAC
1nF/400
VAC
13D-5
14D561K
1A/250V
SMBJ7.0A
LS05-15B05SS
LS05-15B09SS
SMBJ12A
LS05-15B12SS
150μF/35V
SMBJ20A
LS05-15B15SS
LS05-15B24SS
SMBJ30A


Número de pieza similar - LS05-15B15SS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MORNSUN Science& Techno...
LS05-15B15S MORNSUN-LS05-15B15S Datasheet
918Kb / 5P
   5W,AC-DC CONVERTER
More results

Descripción similar - LS05-15B15SS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com