Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC3482 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza DAC3482
Descripción Electrónicos  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC3482_14 Datasheet HTML 5Page - Texas Instruments DAC3482_14 Datasheet HTML 6Page - Texas Instruments DAC3482_14 Datasheet HTML 7Page - Texas Instruments DAC3482_14 Datasheet HTML 8Page - Texas Instruments DAC3482_14 Datasheet HTML 9Page - Texas Instruments DAC3482_14 Datasheet HTML 10Page - Texas Instruments DAC3482_14 Datasheet HTML 11Page - Texas Instruments DAC3482_14 Datasheet HTML 12Page - Texas Instruments DAC3482_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
DAC3482
www.ti.com
SLAS748E – MARCH 2011 – REVISED JULY 2013
ORDERING INFORMATION(1)
TA
ORDER CODE
PACKAGE DRAWING/TYPE(2)(3)
TRANSPORT MEDIA
QUANTITY
DAC3482IRKDT
250
RKD, 88 WQFN Quad Flatpack No-Lead
DAC3482IRKDR
2000
–40°C to 85°C
Tape and Reel
DAC3482IZAY
160
ZAY, 196 NFBGA
DAC3482IZAYR
1000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
Thermal Pad Size: 6.4 mm x 6.4 mm
(3)
MSL Peak Temperature: Level-3-260C-168 HR
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
DACVDD, DIGVDD, CLKVDD
–0.5
1.5
V
VFUSE
–0.5
1.5
V
Supply voltage
range(2)
IOVDD
–0.5
4
V
AVDD, PLLAVDD
–0.5
4
V
D[15..0]P/N, DATACLKP/N, FRAMEP/N, PARITYP/N, SYNCP/N
–0.5
IOVDD + 0.5
V
DACCLKP/N, OSTRP/N
–0.5
CLKVDD + 0.5
V
ALARM, SDO, SDIO, SCLK, SDENB, SLEEP, RESETB, TESTMODE,
–0.5
IOVDD + 0.5
V
TXENABLE
Pin voltage range(2)
IOUTIP/N, IOUTQP/N
–1.0
AVDD + 0.5
V
EXTIO, BIASJ
–0.5
AVDD + 0.5
V
LPF
0.5
PLLAVDD+0.5V
V
Peak input current (any input)
20
mA
Peak total input current (all inputs)
–30
mA
Operating free-air temperature range, TA: DAC3482
–40
85
°C
Absolute maximum junction temperature, TJ
150
°C
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to GND.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DAC3482


Número de pieza similar - DAC3482_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC3482 TI-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   DAC3482, Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results

Descripción similar - DAC3482_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482 Datasheet
1Mb / 79P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3482 TI-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   DAC3482, Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com