Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA130PW Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

No. de pieza TA130PW
Descripción Electrónicos  Isolated Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MORNSUN [MORNSUN Science& Technology Ltd.]
Página de inicio  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TA130PW Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  TA130PW Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TA130PW Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TA130PW Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TA130PW Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. TA130PW Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Isolated Transmitter
TAxxxPW series
2014.02.18-A/2
Page 3 of5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Application Precautions
1.
Please read the instructions carefully before use; contact our technical support if you have any problem;
2.
Do not use the product in hazardous areas;
3.
Use DC power supply for the product. and 220V AC power supply is prohibited;
4.
Do not disassemble or assemble the product without permission to avoid explosion protection failure or malfunction of product.
Design Reference
1. Wiring diagram for product application
Bottom power supply port
11
12
9
10
7
8
Inside
1
2
3
4
5
6
O utside
Inside
O utside
Inside
O utside
I nside
O utside
I nside
O utside
I nside
O utside
Note: When us e bottom power supply, anyone group or both is OK.
Programmable analog signal isolator
PIN
Description (2 input 2 output)
1
Signal 2 input-
2
Signal 2 input+
5
Signal 1 input-
6
Signal 1 input+
7
Signal 1 output-
8
Signal 1 output+
9
Signal 2 output-
10
Signal 2 output+
11
power input-
12
power input+
Programmable analog signal isolator with isolation power output
PIN
Distributor wiring method
Isolator
wiring
method
Description
(2 input 2 output)
Description
(2 input 2 output)
1
Signal 2 isolated input-
Signal 2 input+
2
Signal 2 isolated input+
/
3
/
Signal 2 input-
4
/
Signal 1 input-
5
Signal 1 isolated input-
Signal 1 input+
6
Signal 1 isolated input+
/
7
Signal 1 output-
Signal 1 output-
8
Signal 1 output+
Signal 1 output+
9
Signal 2 output-
Signal 2 output-
10
Signal 2 output+
Signal 2 output+
11
power input-
power input-
12
power input+
power input+
TA1x0PW
12
11
Power
5
6
4 GND
Cha nnel 1
8
7
Cha nnel 1
DCS
2-Wire
Ci rcuit
Tr ansd ucer
Control
Area
Fie ld
Area
PLC
TA1x5PW
12
11
Power
5
6
4 GND
Cha nnel 1
8
7
Cha nnel 1
DCS
2-Wire
Circuit
Tr ansd ucer
Control
Area
Field
Area
PLC


Número de pieza similar - TA130PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcom, Inc.
TA130-155-49-32 TRANSCOM-TA130-155-49-32 Datasheet
30Kb / 1P
   13 - 15.5 GHz 2W Amplifiers
logo
TAI-SAW TECHNOLOGY CO.,...
TA1300A TAI-SAW-TA1300A Datasheet
481Kb / 6P
   SAW Filter 832 MHz
logo
Transko Electronics, In...
TA1300BP TRANSKO-TA1300BP Datasheet
403Kb / 4P
   Wireless, RF SAW Filter
Revision 0: July 2012
logo
TAI-SAW TECHNOLOGY CO.,...
TA1301A TAI-SAW-TA1301A Datasheet
480Kb / 6P
   SAW Filter 850 MHz
TA1302A TAI-SAW-TA1302A Datasheet
372Kb / 6P
   SAW Filter 674 MHz
More results

Descripción similar - TA130PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MORNSUN Science& Techno...
T1130DS MORNSUN-T1130DS Datasheet
341Kb / 4P
   Isolated Transmitter
TM1130P MORNSUN-TM1130P Datasheet
312Kb / 3P
   Isolated Transmitter
T6S60L-6.25 MORNSUN-T6S60L-6.25 Datasheet
325Kb / 3P
   Isolated Transmitter
T5130AP MORNSUN-T5130AP Datasheet
196Kb / 3P
   Isolated Transmitter
TP210 MORNSUN-TP210 Datasheet
226Kb / 4P
   Isolated Transmitter
T1130P MORNSUN-T1130P Datasheet
226Kb / 4P
   Isolated Transmitter
TS13AD-2 MORNSUN-TS13AD-2 Datasheet
208Kb / 3P
   Isolated Transmitter
TM2130AP MORNSUN-TM2130AP Datasheet
320Kb / 3P
   Isolated Transmitter
TF5134N MORNSUN-TF5134N Datasheet
179Kb / 4P
   Isolated Transmitter
logo
Texas Instruments
UC1726 TI1-UC1726_12 Datasheet
350Kb / 7P
[Old version datasheet]   Isolated Drive Transmitter
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com