Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMA5J7.5A Datasheet(PDF) 2 Page - Vishay Siliconix |
|
SMA5J7.5A Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 5 page SMA5J5.0A thru SMA5J40CA www.vishay.com Vishay General Semiconductor Revision: 24-Oct-12 2 Document Number: 88875 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes (1) Pulse test: tp 50 ms (2) Surge current waveform per fig. 3 and derate per fig. 2 (3) For bi-directional types having VWM of 10 V and less, the ID limit is doubled (4) All terms and symbols are consistent with ANSI/IEEE C62.35 (5) For the bi-directional SMA5J5.0CA, the maximum VBR is 7.25 V (6) VF = 3.5 V at IF = 25 A (uni-directional only) Note (1) Mounted on minimum recommended pad layout Note (1) AEC-Q101 qualified ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) DEVICE TYPE DEVICE MARKING CODE BREAKDOWN VOLTAGE VBR (V)(1) TEST CURRENT IT (mA) STAND-OFF VOLTAGE VWM (V) MAXIMUM REVERSE LEAKAGE AT VWM ID (μA) (3) MAXIMUM PEAK PULSE SURGE CURRENT IPPM (A) (2) MAXIMUM CLAMPING VOLTAGE AT IPPM VC (V) UNI BI MIN. MAX. SMA5J5.0A (5) 5AE 5AE 6.40 7.07 10 5.0 800 54.3 9.2 SMA5J6.0A 5AG 5AG 6.67 7.37 10 6.0 800 48.5 10.3 SMA5J6.5A 5AK 5AK 7.22 7.98 10 6.5 500 44.6 11.2 SMA5J7.0A 5AM 5AM 7.78 8.60 10 7.0 200 41.7 12.0 SMA5J7.5A 5AP 5AP 8.33 9.21 1.0 7.5 100 38.8 12.9 SMA5J8.0A 5AR 5AR 8.89 9.83 1.0 8.0 50 36.8 13.6 SMA5J8.5A 5AT 5AT 9.44 10.4 1.0 8.5 10 34.7 14.4 SMA5J9.0A 5AV 5AV 10.0 11.1 1.0 9.0 5.0 32.5 15.4 SMA5J10A 5AX 5AX 11.1 12.3 1.0 10 1.0 29.4 17.0 SMA5J11A 5AZ 5AZ 12.2 13.5 1.0 11 1.0 27.5 18.2 SMA5J12A 5BE 5BE 13.3 14.7 1.0 12 1.0 25.1 19.9 SMA5J13A 5BG 5BG 14.4 15.9 1.0 13 1.0 23.3 21.5 SMA5J14A 5BK 5BK 15.6 17.2 1.0 14 1.0 21.6 23.2 SMA5J15A 5BM 5BM 16.7 18.5 1.0 15 1.0 20.5 24.4 SMA5J16A 5BP 5BP 17.8 19.7 1.0 16 1.0 19.2 26.0 SMA5J17A 5BR 5BR 18.9 20.9 1.0 17 1.0 18.1 27.6 SMA5J18A 5BT 5BT 20.0 22.1 1.0 18 1.0 17.1 29.2 SMA5J20A 5BV 5BV 22.2 24.5 1.0 20 1.0 15.4 32.4 SMA5J22A 5BX 5BX 24.4 26.9 1.0 22 1.0 14.1 35.5 SMA5J24A 5BZ 5BZ 26.7 29.5 1.0 24 1.0 12.9 38.9 SMA5J26A 5CE 5CE 28.9 31.9 1.0 26 1.0 11.9 42.1 SMA5J28A 5CG 5CG 31.1 34.4 1.0 28 1.0 11.0 45.4 SMA5J30A 5CK 5CK 33.3 36.8 1.0 30 1.0 10.3 48.4 SMA5J33A 5CM 5CM 36.7 40.6 1.0 33 1.0 9.4 53.3 SMA5J36A 5CP 5CP 40.0 44.2 1.0 36 1.0 8.6 58.1 SMA5J40A 5CR 5CR 44.4 49.1 1.0 40 1.0 7.8 64.5 THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL VALUE UNIT Typical thermal resistance, junction to ambient (1) RJA 80 °C/ W Typical thermal resistance, junction to lead RJL 25 ORDERING INFORMATION (Example) PREFERRED P/N UNIT WEIGHT (g) PREFERRED PACKAGE CODE BASE QUANTITY DELIVERY MODE SMA5J5.0A-E3/61 0.064 61 1800 7" diameter plastic tape and reel SMA5J5.0A-E3/5A 0.064 5A 7500 13" diameter plastic tape and reel SMA5J5.0AHE3/61 (1) 0.064 61 1800 7" diameter plastic tape and reel SMA5J5.0AHE3/5A (1) 0.064 5A 7500 13" diameter plastic tape and reel |
Número de pieza similar - SMA5J7.5A |
|
Descripción similar - SMA5J7.5A |