Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA1100-4 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza KA1100-4
Descripción Electrónicos  Mechanical accessories
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

KA1100-4 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  KA1100-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers KA1100-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers KA1100-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers KA1100-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers KA1100-4 Datasheet HTML 5Page - List of Unclassifed Manufacturers KA1100-4 Datasheet HTML 6Page - List of Unclassifed Manufacturers KA1100-4 Datasheet HTML 7Page - List of Unclassifed Manufacturers KA1100-4 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UL FORMULA Molded Case Circuit Breakers - 6.5
3.94
100
0.79
20
0.79
20
0.79
20
0.33
8.5
0.33
8.5
1.57
40
1.57
40
2.17
55
1.38
35
0.20
5
0.79
20
0.79
20
0.98
25
0.20
5
Caption
1 Front extended spread terminals
2 100mm insulating barriers
between the terminals
(compulsory) supplied
3 pole
2 pole
ES Terminals
Approximate dimensions
A1 - Circuit breaker and terminals


Número de pieza similar - KA1100-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
UN Semiconducctor INC
KA1-380 UNSEMI-KA1-380 Datasheet
2Mb / 4P
   1KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
List of Unclassifed Man...
KA1-8045 ETC2-KA1-8045 Datasheet
267Kb / 2P
   Contact blocks and lamp blocks with holder for front mounting
logo
Guangdong Kexin Industr...
KA100M317 KEXIN-KA100M317 Datasheet
262Kb / 2P
   Three Terminal Positive Voltage Regulator
logo
Samsung semiconductor
KA100O015E-BJTT SAMSUNG-KA100O015E-BJTT Datasheet
1Mb / 92P
   MCP Specification
logo
NTE Electronics
KA1031S28 NTE-KA1031S28 Datasheet
58Kb / 1P
   Potentiometer - 2 Watt, 1/4 dia. shaft
More results

Descripción similar - KA1100-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
   Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
   Accessories
logo
New Jersey Semi-Conduct...
1N144 NJSEMI-1N144 Datasheet
82Kb / 1P
   MECHANICAL
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
   Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
   Accessories
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
   Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
   Accessories
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com