Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA3122D2 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TPA3122D2
Descripción Electrónicos  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3122D2 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA3122D2_14 Datasheet HTML 6Page - Texas Instruments TPA3122D2_14 Datasheet HTML 7Page - Texas Instruments TPA3122D2_14 Datasheet HTML 8Page - Texas Instruments TPA3122D2_14 Datasheet HTML 9Page - Texas Instruments TPA3122D2_14 Datasheet HTML 10Page - Texas Instruments TPA3122D2_14 Datasheet HTML 11Page - Texas Instruments TPA3122D2_14 Datasheet HTML 12Page - Texas Instruments TPA3122D2_14 Datasheet HTML 13Page - Texas Instruments TPA3122D2_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
www.ti.com
APPLICATION INFORMATION
CLASS-D OPERATION
Traditional Class-D Modulation Scheme
0V
0V
-12V
-12V
+12V
+12V
Current
OUTP
DifferentialVoltage
AcrossLoad
OUTN
0V
Supply Pumping
Gain setting via GAIN0 and GAIN1 inputs
TPA3122D2
SLOS527A – DECEMBER 2007 – REVISED DECEMBER 2007
This section focuses on the class-D operation of the TPA3122D2.
The TPA3122D2 operates in AD mode. There are two main configurations that may be used. For stereo
operation, the TPA3122D2 should be configured in a single-ended (SE) half bridge amplifier. For mono
applications, TPA3122D2 may be used as a bridge tied load (BTL) amplifier. The traditional class-D modulation
scheme, which is used in the TPA3122D2 BTL configuration, has a differential output where each output is 180
degrees out of phase and changes from ground to the supply voltage, VCC. Therefore, the differential pre-filtered
output
varies
between
positive
and
negative
VCC,
where
filtered
50%
duty
cycle
yields
0 V across the load. The traditional class-D modulation scheme with voltage and current waveforms is shown in
Figure 25.
Figure 25. Traditional Class-D Modulation Scheme's Output Voltage and Current Waveforms into an
Inductive Load With No Input
One issue encountered in single-ended (SE) class-D amplifier designs is supply pumping. Power-supply pumping
is a rise in the local supply voltage due to energy being driven back to the supply by operation of the class-D
amplifier. This phenomenon is most evident at low audio frequencies and when both channels are operating at
the same frequency and phase. At low levels, power-supply pumping results in distortion in the audio output due
to fluctuations in supply voltage. At higher levels, pumping can cause the overvoltage protection to operate,
which temporarily shuts down the audio output.
Several things can be done to relieve power-supply pumping. The lowest impact is to operate the two inputs out
of phase 180
° and reverse the speaker connections. Because most audio is highly correlated, this causes the
supply pumping to be out of phase and not as severe. If this is not enough, the amount of bulk capacitance on
the supply must be increased. Also, improvement is realized by hooking other supplies to this node, thereby,
sinking some of the excess current. Power-supply pumping should be tested by operating the amplifier at low
frequencies and high output levels.
The gain of the TPA3122D2 is set by two input terminals, GAIN0 and GAIN1.
The gains listed in Table 1 are realized by changing the taps on the input resistors and feedback resistors inside
the amplifier. This causes the input impedance (ZI) to be dependent on the gain setting. The actual gain settings
are controlled by ratios of resistors, so the gain variation from part-to-part is small. However, the input impedance
from part-to-part at the same gain may shift by ±20% due to shifts in the actual resistance of the input resistors.
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s) :TPA3122D2


Número de pieza similar - TPA3122D2_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA3122D2_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2 Datasheet
416Kb / 20P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com