Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

X1CLKIN Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

No. de pieza X1CLKIN
Descripción Electrónicos  Low Power Spread Spectrum Frequency Multiplier SSCG-GP Family
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

X1CLKIN Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  X1CLKIN Datasheet HTML 1Page - Pericom Semiconductor Corporation X1CLKIN Datasheet HTML 2Page - Pericom Semiconductor Corporation X1CLKIN Datasheet HTML 3Page - Pericom Semiconductor Corporation X1CLKIN Datasheet HTML 4Page - Pericom Semiconductor Corporation X1CLKIN Datasheet HTML 5Page - Pericom Semiconductor Corporation X1CLKIN Datasheet HTML 6Page - Pericom Semiconductor Corporation X1CLKIN Datasheet HTML 7Page - Pericom Semiconductor Corporation X1CLKIN Datasheet HTML 8Page - Pericom Semiconductor Corporation X1CLKIN Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
PI6C3622-1
Low Power Spread Spectrum Frequency Multiplier
SSCG-GP Family
PS8944A
01/30/08
Supply Voltage to Ground................................................................... 5.5V
All Inputs and Outputs ...............................................–0.5V to VDD+0.5V
Storage Temperature ............................................................–65 to +150°C
Junction Temperature........................................................................150°C
Soldering Temperature......................................................................260°C
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating
conditions for extended period may affect reliability.
Maximum Ratings
DC Characteristics
VDD = 2.5V ±5%, Ambient Temperature 0 to +70°C
Symbol
Parameter
Conditions
Min.
Typ.
Max
Unit
VDD
Operating voltage
2.375
2.5
2.625
V
VIH
Input high voltage
2.0
V
VIL
Input low voltage
0.8
V
VOH
Output high voltage
IOH=-8mA
1.8
V
VOL
Output low voltage
IOL= 8mA
0.6
V
IDD
Supply current
27MHz input and no
load
3.6
mA
ZOUT_DOWN
Nominal output impedance
Down side buffer
50
Ω
ZOUT_UP
Nominal output impedance
Up side buffer
50
Ω
CIN
Input capacitance
X1 input pin
5
pF
Electrical Specification
AC Characteristics
VDD = 2.5V ±5%, Ambient Temperature 0 to +70°C , Fin=27MHz
Symbol
Parameter
Conditions
Min.
Typ.
Max
Unit
CLKIN
Input Frequency
20 MHz≤ Fin ≤40 MHz
20
27
40
MHz
CLKOUT
Output Frequency (1X)
20 MHz≤ Fin ≤40 MHz
20
27
40
MHz
SRatio
Spreading Ratio (SSON=1)
(S1,S0)=(0,1)
±0.30
%
(S1,S0)=(1,0)
±0.50
(S1,S0)=(1,1)
±0.70
SRatio
Spreading ratio (SSON=0)
(S1,S0)=(0/1, 0/1)
0
%
tRise
Output rise time
Measured from 20% to
80% VDD, 15pF load.
2.1
ns
tFall
Output fall time
Measured from 80% to
20% VDD, 15pF load
1.9
ns
tJ_Short
Short term cycle to cycle
jitter
200
300
ps
TSSON
Spreading on/off settle time
30
μs
TDCIN
Input duty cycle
40
50
60
%
TDCOUT
Output duty cycle
45
50
55
%


Descripción similar - X1CLKIN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pericom Semiconductor C...
PI6C3503 PERICOM-PI6C3503 Datasheet
408Kb / 10P
   Low Power Spread Spectrum Frequency Multiplier
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15100 SPECTRALINEAR-SL15100 Datasheet
191Kb / 16P
   Prigrammable Spread Spectrum Clock Generator (SSCG)
logo
Maxim Integrated Produc...
DS1080L MAXIM-DS1080L Datasheet
157Kb / 8P
   Spread-Spectrum Crystal Multiplier
Rev 2; 10/09
logo
Abracon Corporation
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com