Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2743 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza LM2743
Descripción Electrónicos  Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2743 Datasheet(HTML) 4 Page - Texas Instruments

  LM2743_14 Datasheet HTML 1Page - Texas Instruments LM2743_14 Datasheet HTML 2Page - Texas Instruments LM2743_14 Datasheet HTML 3Page - Texas Instruments LM2743_14 Datasheet HTML 4Page - Texas Instruments LM2743_14 Datasheet HTML 5Page - Texas Instruments LM2743_14 Datasheet HTML 6Page - Texas Instruments LM2743_14 Datasheet HTML 7Page - Texas Instruments LM2743_14 Datasheet HTML 8Page - Texas Instruments LM2743_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
LM2743
SNVS276F – MAY 2004 – REVISED JANUARY 2012
www.ti.com
Electrical Characteristics
VCC = 3.3V unless otherwise indicated. Typicals and limits appearing in plain type apply for TA= TJ= 25°C. Limits appearing in
boldface type apply over full Operating Temperature Range. Datasheet min/max specification limits are guaranteed by
design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VFB
FB Pin Voltage
VCC = 3V to 6V
0.588
0.6
0.612
V
VON
UVLO Thresholds
Rising
2.76
V
Falling
2.42
VCC = 3.3V, VSD = 3.3V
1.0
1.5
2.1
Fsw = 600kHz
Operating VCC Current
mA
IQ_VCC
VCC = 5V, VSD = 3.3V
1.0
1.7
2.1
Fsw = 600kHz
Shutdown VCC Current
VCC = 3.3V, VSD = 0V
110
185
µA
tPWGD1
PWGD Pin Response Time
VFB Rising
6
µs
tPWGD2
PWGD Pin Response Time
VFB Falling
6
µs
ISS-ON
SS Pin Source Current
VSS = 0V
7
10
14
µA
ISS-OC
SS Pin Sink Current During Over
VSS = 2.5V
90
µA
Current
ISEN-TH
ISEN Pin Source Current Trip Point
25
40
55
µA
ERROR AMPLIFIER
GBW
Error Amplifier Unity Gain
9
MHz
Bandwidth
G
Error Amplifier DC Gain
106
dB
SR
Error Amplifier Slew Rate
3.2
V/µs
IEAO
EAO Pin Current Sourcing and
VEAO = 1.5, FB = 0.55V
2.6
mA
Sinking Capability
VEAO = 1.5, FB = 0.65V
9.2
VEA
Error Amplifier Output Voltage
Minimum
1
V
Maximum
2
V
GATE DRIVE
IQ-BOOT
BOOT Pin Quiescent Current
VBOOT = 12V, VSD = 0
18
90
µA
RHG_UP
High-Side MOSFET Driver Pull-Up
VBOOT = 5V @ 350mA Sourcing
3
ON resistance
RHG_DN
High-Side MOSFET Driver Pull-
HG = 5V @ 350mA Sourcing
2
Down ON resistance
RLG_UP
Low-Side MOSFET Driver Pull-Up
VBOOT = 5V @ 350mA Sourcing
3
ON resistance
RLG_DN
Low-Side MOSFET Driver Pull-
LG = 5V @ 350mA Sourcing
2
Down ON resistance
OSCILLATOR
RFADJ = 702.1 kΩ
50
RFADJ = 98.74 kΩ
300
fSW
PWM Frequency
kHz
RFADJ = 45.74 kΩ
475
600
725
RFADJ = 24.91 kΩ
1000
D
Max High-Side Duty Cycle
fSW = 300kHz
80
%
fSW = 600kHz
76
fSW = 1MHz
73
LOGIC INPUTS AND OUTPUTS
V STBY-IH
Standby High Trip Point
VFB = 0.575V, VBOOT = 3.3V, VSD
1.1
V
Rising
V STBY-IL
Standby Low Trip Point
VFB = 0.575V, VBOOT = 3.3V, VSD
0.232
V
Falling
V SD-IH
SD Pin Logic High Trip Point
VSD Rising
1.3
V
V SD-IL
SD Pin Logic Low Trip Point
VSD Falling
0.8
V
VPWGD-TH-LO
PWGD Pin Trip Points
FB Falling
0.408
0.434
0.457
V
4
Submit Documentation Feedback
Copyright © 2004–2012, Texas Instruments Incorporated
Product Folder Links: LM2743


Número de pieza similar - LM2743_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2743 TI-LM2743_15 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
More results

Descripción similar - LM2743_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2746 NSC-LM2746 Datasheet
1Mb / 24P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2743 TI-LM2743_15 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743MTCX TI-LM2743MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743 TI1-LM2743 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2744 TI-LM2744_15 Datasheet
1Mb / 33P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
National Semiconductor ...
LM2744 NSC-LM2744 Datasheet
663Kb / 22P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com