Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAZ16 Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza SMAZ16
Descripción Electrónicos  1.0W SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMAZ16 Datasheet(HTML) 2 Page - Diodes Incorporated

  SMAZ16 Datasheet HTML 1Page - Diodes Incorporated SMAZ16 Datasheet HTML 2Page - Diodes Incorporated SMAZ16 Datasheet HTML 3Page - Diodes Incorporated SMAZ16 Datasheet HTML 4Page - Diodes Incorporated SMAZ16 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMAZ5V1 - SMAZ39
Document number: DS18015 Rev. 16 - 2
2 of 5
www.diodes.com
June 2009
© Diodes Incorporated
SMAZ5V1 - SMAZ39
Electrical Characteristics @TA = 25°C unless otherwise specified
Type
Number
Marking
Code
Zener Voltage
Range (Note 4)
Test
Current
Maximum Zener Impedance
Maximum
Reverse Current
IZM Max
(Note 3)
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Nom (V)
Min (V)
Max (V)
mA
Ω
Ω
mA
µA
V
mA
SMAZ5V1
ZHK
5.1
4.84
5.40
100
5.0
500
1.0
2.5
1.0
196
SMAZ5V6
ZHL
5.60
5.32
5.88
100
2.0
250
2.0
5.0
2.0
179
SMAZ6V2
ZHN
6.20
5.89
6.51
100
2.0
200
2.0
5.0
3.0
161
SMAZ6V8
ZHO
6.80
6.46
7.14
100
2.0
200
1.0
5.0
4.0
147
SMAZ7V5
ZHQ
7.50
7.13
7.88
100
2.0
450
1.0
5.0
5.0
133
SMAZ8V2
ZHR
8.20
7.79
8.61
100
2.0
200
1.0
5.0
6.0
122
SMAZ9V1
ZHT
9.10
8.65
9.56
50
4.0
200
1.0
5.0
7.0
110
SMAZ10
ZHU
10.00
9.50
10.50
50
4.0
200
1.0
1.0
7.6
100
SMAZ12
ZHW
12.00
11.40
12.60
50
7.0
150
1.0
1.0
9.1
83
SMAZ15
ZHZ
15.00
14.25
15.75
50
10
150
1.0
1.0
11.4
67
SMAZ16
ZJA
16.00
15.20
16.80
25
15
150
1.0
0.5
12.2
63
SMAZ18
ZJF
18.00
17.10
18.90
25
15
150
1.0
0.5
13.7
56
SMAZ20
ZJG
20.00
19.00
21.00
25
15
180
1.0
0.5
15.2
50
SMAZ22
ZJK
22.00
20.90
23.10
25
15
180
1.0
0.5
16.7
45
SMAZ24
ZJL
24.00
22.80
25.20
25
15
180
1.0
0.5
18.2
42
SMAZ27
ZJN
27.00
25.65
28.35
25
15
200
1.0
0.5
20.5
37
SMAZ30
ZJQ
30.00
28.50
31.50
25
15
250
1.0
0.5
22.8
33
SMAZ33
ZJR
33.00
31.35
34.65
25
15
300
1.0
0.5
25.1
30
SMAZ36
ZJS
36.00
34.20
37.80
10
40
350
1.0
0.5
27.4
28
SMAZ39
ZJT
39.00
37.05
40.95
10
40
450
1.0
0.5
29.6
26
Notes:
4. Short duration pulse test used to minimize self-heating effect.
0
0.2
0.4
0.6
0.8
1.0
1.2
0
50
100
150
175
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Dissipation vs. Ambient Temperature
A
°
0
10
100
1,000
1
10
100
200
V , REVERSE VOLTAGE (V)
Fig. 2 Typical Total Capacitance vs. Reverse Voltage
R
SMAZ5V6
SMAZ27
f = 1MHz
SMAZ12


Número de pieza similar - SMAZ16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
SMAZ16 DIODES-SMAZ16 Datasheet
60Kb / 3P
   1.0A SURFACE MOUNT ZENER DIODE
DS18015 Rev. 9 - 2
SMAZ16 DIODES-SMAZ16 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ16 DIODES-SMAZ16 Datasheet
369Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Vishay Siliconix
SMAZ16 VISHAY-SMAZ16 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
logo
Diodes Incorporated
SMAZ16 DIODES-SMAZ16 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
More results

Descripción similar - SMAZ16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
logo
Vishay Siliconix
SMAZ100 VISHAY-SMAZ100 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_09 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 16 - 2
logo
Won-Top Electronics
1SMA4738A WTE-1SMA4738A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
ZM4728A DIODES-ZM4728A Datasheet
64Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
DS18009 Rev. 3 - 3
SMAZ5V1 DIODES-SMAZ5V1_15 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com