Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM26001 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza LM26001
Descripción Electrónicos  1.5A Switching Regulator with High Efficiency Sleep Mode
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM26001 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM26001_14 Datasheet HTML 6Page - Texas Instruments LM26001_14 Datasheet HTML 7Page - Texas Instruments LM26001_14 Datasheet HTML 8Page - Texas Instruments LM26001_14 Datasheet HTML 9Page - Texas Instruments LM26001_14 Datasheet HTML 10Page - Texas Instruments LM26001_14 Datasheet HTML 11Page - Texas Instruments LM26001_14 Datasheet HTML 12Page - Texas Instruments LM26001_14 Datasheet HTML 13Page - Texas Instruments LM26001_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ISleep = Imin + 0.13 P
Vin - Vout
L
2
x
fsw x L
D x 2 x (Vin ± Vout)
Vout
50 mV/Div
VSW
5V/Div
IL
200 mA/Div
100 Ps/DIV
1 Ps/DIV
Vout
10 mV/Div
IL
500 mA/Div
ID
1A/Div
VSW
5V/Div
LM26001, LM26001Q
SNVS430F – MAY 2006 – REVISED NOVEMBER 2010
www.ti.com
Figure 15. PWM Waveforms 1A Load, Vin = 12V
SLEEP MODE
In light load conditions, the LM26001 automatically switches into sleep mode for improved efficiency. As loading
decreases, the voltage at FB increases and the COMP voltage decreases. When the COMP voltage reaches the
0.6V (typical) clamp threshold, and the FB voltage rises 1% above nominal, sleep mode is enabled and switching
stops. The regulator remains in sleep mode until the FB voltage falls to the reset threshold, at which point
switching resumes. This 1% FB window limits the corresponding output ripple to approximately 1% of nominal
output voltage. The sleep cycle will repeat until load current is increased. Figure 16 shows typical switching and
output voltage waveforms in sleep mode.
Figure 16. Sleep Mode Waveforms 25mA Load, Vin = 12V
In sleep mode, quiescent current is reduced to less than 40 µA when not switching. The DC sleep mode
threshold can be calculated according to the equation below:
(1)
Where Imin = Ilim/16 (2.5A/16 typically) and D = duty cycle, defined as (Vout + Vdiode)/Vin.
When load current increases above this limit, the LM26001 is forced back into normal PWM operation. The sleep
mode threshold varies with frequency, inductance, and duty cycle as shown in Figure 17.
10
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Links: LM26001 LM26001Q


Número de pieza similar - LM26001_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM26001 TI-LM26001_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
More results

Descripción similar - LM26001_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001B TI-LM26001B_15 Datasheet
1,017Kb / 27P
[Old version datasheet]   LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26003 TI-LM26003_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM26003-xx 3-A Switching Regulator With High Efficiency Sleep Mode
LM26001 TI-LM26001_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com