Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD12S015 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD12S015
Descripción Electrónicos  HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S015 Datasheet(HTML) 2 Page - Texas Instruments

  TPD12S015 Datasheet HTML 1Page - Texas Instruments TPD12S015 Datasheet HTML 2Page - Texas Instruments TPD12S015 Datasheet HTML 3Page - Texas Instruments TPD12S015 Datasheet HTML 4Page - Texas Instruments TPD12S015 Datasheet HTML 5Page - Texas Instruments TPD12S015 Datasheet HTML 6Page - Texas Instruments TPD12S015 Datasheet HTML 7Page - Texas Instruments TPD12S015 Datasheet HTML 8Page - Texas Instruments TPD12S015 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
uC
HDMI PHY
hdmi_clkm
O
hdmi_clkp
O
hdmi_data0m
O
hdmi_data0p
O
hdmi_data1m
O
hdmi_data1p
O
hdmi_data2m
O
hdmi_data2p
O
HDMI Sideband
hdmi_cec
IO
hdmi_hpd
I
hdmi_scl
IO
hdmi_sda
IO
vdda_hdmi_vdac
P
vssa_hdmi_vdac
GND
PMIC
Regulator
Vdac_out
O
vdds_1p8
P
V1V8
O
Battery
vbat
VBAT
O
GPIO_HDMI-LS_OE
O
GPIO_HDMI-
CT_CP_HPD
O
HDMI-TPD12S015-Configuration A
TPD12S015
HDMI Connector
HDMI Source side
CEC_A
IO
SCL_A
IO
SDA_A
IO
HPD_A
O
HDMI Sink side
CEC_B
IO
SCL_B
IO
SDA_B
IO
HPD_B
I
CLK-
DATA0-
DATA 0+
CEC
VCCA
CLK+
DATA1-
DATA 1+
DATA2-
DATA 2+
DDC-SC
DDC-SDA
HPD
Connecto
CLk+
I
DATA 0-
I
DATA 0+
I
DATA 1-
I
DATA 1+
I
DATA 2-
I
DATA 2+
I
SCL
IO
+5V
P
CLK-
I
SDA
IO
CEC
IO
HPD
O
LS_OE
VBAT
C
L
K
+
I
C
L
K
-
I
D
0
+
I
D
0
-
I
D
1
+
I
D
1
-
I
D
2
+
I
D
2
-
I
CT_CP_HPD
+5V
TMDS signal
Power Supplies
SW
I
5VOUT(+5v)
O
Control Lines
VCCA
I
LS_OE
I
CT_CP_HPD
I
GND
A
3.3V LDO
5V DC-DC
CHDMI-VBAT
2.2µF
CHDMI-VCCA
0.1µF
LHDMI-VBAT
1 µH
CHDMI-5v
4.7 µH
FB
I
VBAT
I
TPD12S015
SLLSE19E – DECEMBER 2009 – REVISED JUNE 2013
www.ti.com
There are three non-inverting bi-directional translation circuits for the SDA, SCL, and CEC lines. Each have a
common power rail (VCCA) on the A side from 1.1 V to 3.6V . On the B side, the SCL_B and SDA_B each have
an internal 1.75 k
Ω pullup connected to the regulated 5 V rail (5VOUT). The SCL and SDA pins meet the I2C
specification and drive up to 750 pF loads. The CEC_B pin has an internal 27 k
Ω pullup to an internal 3.3 V
supply.
The HPD_B port has a glitch filter to avoid false detection due to the bouncing while inserting the HDMI plug.
The TPD12S015 provides IEC61000-4-2 (Level 4) ESD protection. This device is offered in a space-saving 1.6
mm × 2.8 mm wafer-level chip scale package [WCSP (YFF)] with 0.4-mm pitch.
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI web site at www.ti.com
SYSTEM-LEVEL BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: TPD12S015


Número de pieza similar - TPD12S015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD12S015 TI-TPD12S015 Datasheet
1Mb / 27P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
TPD12S015AYFFR TI1-TPD12S015AYFFR Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
More results

Descripción similar - TPD12S015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
TPD12S015 TI-TPD12S015 Datasheet
1Mb / 27P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
logo
NXP Semiconductors
PTN3300B NXP-PTN3300B Datasheet
133Kb / 23P
   DVI and HDMI level shifter
Rev. 01-8 July 2008
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_15 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_17 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
logo
STMicroelectronics
STOD1412 STMICROELECTRONICS-STOD1412 Datasheet
532Kb / 21P
   Step-up and inverting DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com