Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS43061 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS43061
Descripción Electrónicos  Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS43061 Datasheet(HTML) 2 Page - Texas Instruments

  TPS43061 Datasheet HTML 1Page - Texas Instruments TPS43061 Datasheet HTML 2Page - Texas Instruments TPS43061 Datasheet HTML 3Page - Texas Instruments TPS43061 Datasheet HTML 4Page - Texas Instruments TPS43061 Datasheet HTML 5Page - Texas Instruments TPS43061 Datasheet HTML 6Page - Texas Instruments TPS43061 Datasheet HTML 7Page - Texas Instruments TPS43061 Datasheet HTML 8Page - Texas Instruments TPS43061 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
PowerPAD
(17)
16
FB
COMP
SS
RT/CLK
PGND
VCC
BOOT
SW
15
14
13
5
6
7
8
1
2
3
4
12
11
10
9
TPS43060
TPS43061
SLVSBP4C – DECEMBER 2012 – REVISED SEPTEMBER 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DEVICE INFORMATION
WQFN-16 PACKAGE
(TOP VIEW)
PIN FUNCTIONS
PIN
DESCRIPTION
NAME
NO.
Resistor Timing and External Clock. An external resistor from this pin to the AGND pin programs the switching
RT/CLK
1
frequency between 50 kHz and 1MHz. Driving the pin with an external clock between 300 kHz to 1 MHz will
synchronize the switching frequency to the external clock.
SS
2
Soft-start programming pin. A capacitor between the SS pin and AGND pin sets soft-start time.
Output of the internal transconductance error amplifier. The feedback loop compensation network is connected from
COMP
3
this pin to AGND.
Error amplifier input and feedback pin for voltage regulation. Connect this pin to the center tap of a resistor divider to
FB
4
set the output voltage.
Inductor current sense comparator inverting input pin. This pin is normally connected to the inductor side of the
ISNS-
5
current sense resistor.
Inductor current sense comparator non-inverting input pin. This pin is normally connected to the VIN side of the
ISNS+
6
current sense resistor.
The input supply pin to the IC. Connect VIN to a supply voltage between 4.5 V and 38 V. It is acceptable for the
VIN
7
voltage on the VIN pin to be different from the boost power stage input, ISNS+ and ISNS- pins.
Low side gate driver output. Connect this pin to the gate of the low side N-channel MOSFET. When VIN bias is
LDRV
8
removed, an internal 200 k
Ω resistor pulls LDRV to PGND.
Power ground of the IC. Connect this pin to the source of the low-side MOSFET. PGND should be connected to
PGND
9
AGND via a single point on printed circuit board.
Output of an internal LDO and power supply for internal control circuits and gate drivers. VCC is typically 7.5V for the
VCC
10
TPS43060 and 5.5 V for the TPS43061. Connect a low ESR ceramic capacitor from this pin to PGND. The
recommended capacitance range is from 0.47 µF to 10µF.
Bootstrap capacitor node for high-side MOSFET gate driver. Connect the bootstrap capacitor from this pin to the SW
BOOT
11
pin. For the TPS43060, also connect a bootstrap diode from VCC to BOOT.
Switching node of the boost converter. Connect this pin to the junction of the drain of the low side MOSFET, the
SW
12
source of high side synchronous MOSFET and the inductor.
High side gate driver output. Connect this pin to the gate of the high side synchronous rectifier MOSFET. When VIN
HDRV
13
bias is removed, this pin is connected to SW through an internal 200 k
Ω resistor.
Power good indicator. This pin is an open-drain output. A 10 k
Ω pull-up resistor is recommended between PGOOD
PGOOD
14
and VCC or an external logic supply pin.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS43060 TPS43061


Número de pieza similar - TPS43061

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS43061RTER TI-TPS43061RTER Datasheet
1Mb / 32P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43061RTET TI-TPS43061RTET Datasheet
1Mb / 32P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
More results

Descripción similar - TPS43061

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS43060 TI-TPS43060 Datasheet
1Mb / 32P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43060 TI-TPS43060_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS4306x Low Quiescent Current Synchronous Boost DC-DC Controller With Wide VIN Range
logo
Linear Technology
LTC3854 LINER-LTC3854_15 Datasheet
539Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
LTC3854 LINER-LTC3854 Datasheet
387Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
LTC3536 LINER-LTC3536 Datasheet
171Kb / 6P
   1A, Low Noise, Wide VIN Buck-Boost DC/DC Converter
LTC3129 LINER-LTC3129_15 Datasheet
405Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3129-1 LINER-LTC3129-1_15 Datasheet
560Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LT8705 LINER-LT8705_15 Datasheet
544Kb / 44P
   80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
LT8705A LINER-LT8705A Datasheet
373Kb / 10P
   80V VIN and VOUT Synchronous 4-Switch Buck-Boost DC/DC Controller
LTC3863 LINER-LTC3863 Datasheet
541Kb / 36P
   60V Low IQ Inverting DC/DC Controller Wide Operating VIN Range: 3.5V to 60V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com