Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS43061 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS43061
Descripción Electrónicos  Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS43061 Datasheet(HTML) 3 Page - Texas Instruments

  TPS43061 Datasheet HTML 1Page - Texas Instruments TPS43061 Datasheet HTML 2Page - Texas Instruments TPS43061 Datasheet HTML 3Page - Texas Instruments TPS43061 Datasheet HTML 4Page - Texas Instruments TPS43061 Datasheet HTML 5Page - Texas Instruments TPS43061 Datasheet HTML 6Page - Texas Instruments TPS43061 Datasheet HTML 7Page - Texas Instruments TPS43061 Datasheet HTML 8Page - Texas Instruments TPS43061 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LOGIC
and
CONTROL
5.5V or 7.5V
LDO
R
S
1.22V
OSC/PLL
1.21V
ILIM
FB
Reverse
Current
Detect
3.2µA
SS
COMP
FB
RT/CLK
EN
AGND
PGOOD
PGND
LDRV
VCC
SW
HDRV
BOOT
VIN
ISNS-
ISNS+
OVP
5µA
1.8µA
TPS43061
only
O
1.098V
1.342V
Slope
Compensation
TPS43060
TPS43061
www.ti.com
SLVSBP4C – DECEMBER 2012 – REVISED SEPTEMBER 2013
PIN FUNCTIONS (continued)
PIN
DESCRIPTION
NAME
NO.
Enable pin with internal pull-up current source. Floating this pin will enable the IC. Pull below 1.2 V to enter low
EN
15
current standby mode. Pull below 0.4 V to enter shutdown mode. The EN pin can be used to implement adjustable
undervoltage lockout (UVLO) using two resistors.
AGND
16
Analog signal ground of the IC. AGND should be connected to PGND at a single point on printed circuit board.
The PowerPAD should be connected to AGND. If possible, use thermal vias to connect to an internal ground plane
PowerPAD
17
for improved power dissipation.
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS43060 TPS43061


Número de pieza similar - TPS43061

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS43061RTER TI-TPS43061RTER Datasheet
1Mb / 32P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43061RTET TI-TPS43061RTET Datasheet
1Mb / 32P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
More results

Descripción similar - TPS43061

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS43060 TI-TPS43060 Datasheet
1Mb / 32P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43060 TI-TPS43060_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS4306x Low Quiescent Current Synchronous Boost DC-DC Controller With Wide VIN Range
logo
Linear Technology
LTC3854 LINER-LTC3854_15 Datasheet
539Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
LTC3854 LINER-LTC3854 Datasheet
387Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
LTC3536 LINER-LTC3536 Datasheet
171Kb / 6P
   1A, Low Noise, Wide VIN Buck-Boost DC/DC Converter
LTC3129 LINER-LTC3129_15 Datasheet
405Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3129-1 LINER-LTC3129-1_15 Datasheet
560Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LT8705 LINER-LT8705_15 Datasheet
544Kb / 44P
   80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
LT8705A LINER-LT8705A Datasheet
373Kb / 10P
   80V VIN and VOUT Synchronous 4-Switch Buck-Boost DC/DC Controller
LTC3863 LINER-LTC3863 Datasheet
541Kb / 36P
   60V Low IQ Inverting DC/DC Controller Wide Operating VIN Range: 3.5V to 60V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com