Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2651 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2651
Descripción Electrónicos  1.5A High Efficiency Synchronous Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2651 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2651 Datasheet HTML 3Page - Texas Instruments LM2651 Datasheet HTML 4Page - Texas Instruments LM2651 Datasheet HTML 5Page - Texas Instruments LM2651 Datasheet HTML 6Page - Texas Instruments LM2651 Datasheet HTML 7Page - Texas Instruments LM2651 Datasheet HTML 8Page - Texas Instruments LM2651 Datasheet HTML 9Page - Texas Instruments LM2651 Datasheet HTML 10Page - Texas Instruments LM2651 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LM2651
www.ti.com
SNVS032C – MAY 2004 – REVISED APRIL 2005
LM2651-ADJ System Parameters
(VOUT = 2.5V unless otherwise specified)
Symbol
Parameter
Conditions
Typical
Limit
Units
VFB
Feedback Voltage
ILOAD = 900 mA
1.238
V
1.200
V(min)
1.263
V(max)
VOUT
Output Voltage Line Regulation
VIN = 4V to 14V
0.2
%
ILOAD = 900 mA
VOUT
Output Voltage Load Regulation
ILOAD = 10 mA to 1.5A
1.3
%
VIN = 5V
VOUT
Output Voltage Load Regulation
ILOAD = 200 mA to 1.5A
0.3
%
VIN = 5V
VHYST
Sleep Mode Output Voltage
24
mV
Hysteresis
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2651


Número de pieza similar - LM2651

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651MTC-1.8 NSC-LM2651MTC-1.8 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651MTC-1.8 NSC-LM2651MTC-1.8 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651MTC-2.5 NSC-LM2651MTC-2.5 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
More results

Descripción similar - LM2651

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2653MTCX-ADJ TI1-LM2653MTCX-ADJ Datasheet
1Mb / 20P
[Old version datasheet]   LM2653 1.5A High Efficiency Synchronous Switching Regulator
LM2651 TI-LM2651_15 Datasheet
946Kb / 19P
[Old version datasheet]   LM2651 1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com