Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME2-5SBAZ Datasheet(PDF) 1 Page - AIMTEC

No. de pieza AME2-5SBAZ
Descripción Electrónicos  AC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AME2-5SBAZ Datasheet(HTML) 1 Page - AIMTEC

  AME2-5SBAZ Datasheet HTML 1Page - AIMTEC AME2-5SBAZ Datasheet HTML 2Page - AIMTEC AME2-5SBAZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AME2-AZ
2Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.B
1 of 3
North America only
FEATURES:
Models
Single output
Model
Input
Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Temperature
range
(ºC)
Output
Voltage
(V)
Output
Current max
(mA)
Maximum
capacitive
Load
(µF)
Efficiency
(%)
115
VAC
230
VAC
277
VAC
480
VAC
AME2-3.3SAZ
90-305/47-440
130-430
-40 to +70
3.3
600
2200
64
63
61
AME2-5SAZ
90-305/47-440
130-430
-40 to +70
5
400
1100
67
66
63
AME2-12SAZ
90-305/47-440
130-430
-40 to +70
12
166
680
75
72
69
AME2-15SAZ
90-305/47-440
130-430
-40 to +70
15
133
560
78
74
71
AME2-24SAZ
90-305/47-440
130-430
-40 to +70
24
83
470
81
81
79
AME2-3.3SBAZ
90-528/47-440
130-745
-40 to +70
3.3
600
2200
57
57
56
50
AME2-5SBAZ
90-528/47-440
130-745
-40 to +70
5
400
1100
63
63
62
56
AME2-12SBAZ
90-528/47-440
130-745
-40 to +70
12
166
680
68
68
66
53
AME2-15SBAZ
90-528/47-440
130-745
-40 to +70
15
133
560
68
67
66
57
AME2-24SBAZ
90-528/47-440
130-745
-40 to +70
24
83
470
67
67
65
58
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115 VAC
40
mA
230 VAC
20
mA
277 VAC
20
mA
480VAC
15
mA
Inrush current <2ms (cold start)
115 VAC
10
A
230 VAC
15
A
277 VAC
20
A
480 VAC
30
A
Leakage current
0.15
mA
External fuse
Recommended slow blow type
1
A
Input Dissipation (No Load)
0.5
W
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
Full load (typical)*
±5
%
Line regulation
LL-HL, Full Load
±1.5
%
Load regulation (single output)
0-100% load (typical)*
±5
%
Transient Recovery Time
200
µs
Transient Response Deviation
25% load step
±2
% of Vout
Minimum load
0
%
Ripple & Noise
3.3/5 VAC With 560µF E/C
200
mV p-p
12/15 VAC With 220µF E/C
400
mV p-p
24 VAC With 220µF E/C
500
mV p-p
*Ripple & Noisemeasured at 20MHz bandwidth with 0.1µFand 115/230/277/480 VAC( Typical input ) with Full Load
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
3000
VAC
Isolation Resistance
>1000
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100
KHz
Over Load protection
Auto recovery
>125%
Short circuit protection
Auto recovery
Operating temperature
Without derating
-40 to +70
oC
I/O Isolation 3000VAC
RoHS compliant
Operating Temp: -40°C to +70°C
Input: 90-305VAC, 47-440Hz, or 130-430 VDC
Optional 90-528VAC, 47-440Hz, or 130-745 VDC
Energy Star compliant
Ultra small package
Over load, Short Circuit Protection
Click on Series name for product info on aimtec.com


Número de pieza similar - AME2-5SBAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AME2-5SBAZ AIMTEC-AME2-5SBAZ Datasheet
178Kb / 3P
   2Watt | AC-DC Converter
More results

Descripción similar - AME2-5SBAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com