Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3103 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza LM3103
Descripción Electrónicos  SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3103 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3103_14 Datasheet HTML 3Page - Texas Instruments LM3103_14 Datasheet HTML 4Page - Texas Instruments LM3103_14 Datasheet HTML 5Page - Texas Instruments LM3103_14 Datasheet HTML 6Page - Texas Instruments LM3103_14 Datasheet HTML 7Page - Texas Instruments LM3103_14 Datasheet HTML 8Page - Texas Instruments LM3103_14 Datasheet HTML 9Page - Texas Instruments LM3103_14 Datasheet HTML 10Page - Texas Instruments LM3103_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LM3103
www.ti.com
SNVS523E – SEPTEMBER 2007 – REVISED NOVEMBER 2009
Typical Performance Characteristics (continued)
All curves are taken at VIN = 18V with the configuration in the typical application circuit for VOUT = 3.3V shown in this
datasheet. TA = 25°C, unless otherwise specified.
Enable Transient
Shutdown Transient
(VOUT = 3.3V, 0.75A Loaded)
(VOUT = 3.3V, 0.75A Loaded)
Figure 14.
Figure 15.
Continuous Mode Operation
Discontinuous Mode Operation
(VOUT = 3.3V, 2.5A Loaded)
(VOUT = 3.3V, 0.02A Loaded)
Figure 16.
Figure 17.
Load Transient
DCM to CCM Transition
(VOUT = 3.3V, 0.075A - 0.75A Load, Current slew-rate:
(VOUT = 3.3V, 0.01A - 0.75A Load)
2.5A/µs)
Figure 18.
Figure 19.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3103


Número de pieza similar - LM3103_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3103MH NSC-LM3103MH Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103MH/NOPB TI1-LM3103MH/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3103MHX NSC-LM3103MHX Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103MHX/NOPB TI1-LM3103MHX/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
More results

Descripción similar - LM3103_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3103 NSC-LM3103 Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100_07 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3100 TI1-LM3100_14 Datasheet
2Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com