Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMZ23608 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMZ23608
Descripción Electrónicos  8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ23608 Datasheet(HTML) 1 Page - Texas Instruments

  LMZ23608 Datasheet HTML 1Page - Texas Instruments LMZ23608 Datasheet HTML 2Page - Texas Instruments LMZ23608 Datasheet HTML 3Page - Texas Instruments LMZ23608 Datasheet HTML 4Page - Texas Instruments LMZ23608 Datasheet HTML 5Page - Texas Instruments LMZ23608 Datasheet HTML 6Page - Texas Instruments LMZ23608 Datasheet HTML 7Page - Texas Instruments LMZ23608 Datasheet HTML 8Page - Texas Instruments LMZ23608 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LMZ23608
www.ti.com
SNVS708D – MARCH 2011 – REVISED OCTOBER 2011
LMZ23608 8A SIMPLE SWITCHER® Power Module with 36V Maximum Input Voltage and
Current Sharing
Check for Samples: LMZ23608
1
FEATURES
APPLICATIONS
2
40W maximum total output power
Point of load conversions from 12V and 24V
input rail
Up to 8A output current
Time critical projects
Input voltage range 6V to 36V
Space constrained / high thermal requirement
Output voltage range 0.8V to 6V
applications
Efficiency up to 92%
Negative output voltage applications (See AN-
2027)
DESCRIPTION
The LMZ23608 SIMPLE SWITCHER© power module is an easy-to-use step-down DC-DC solution capable of
driving up to 8A load. The LMZ23608 is available in an innovative package that enhances thermal performance
and allows for hand or machine soldering.
The LMZ23608 can accept an input voltage rail between 6V and 36V and deliver an adjustable and highly
accurate output voltage as low as 0.8V. The LMZ23608 only requires two external resistors and three external
capacitors to complete the power solution. The LMZ23608 is a reliable and robust design with the following
protection features: thermal shutdown, input under-voltage lockout, output over-voltage protection, short-circuit
protection, output current limit, and allows startup into a pre-biased output. The sync input allows synchronization
over the 350 to 600 kHz switching frequency range.
Key Features
Integrated shielded inductor
Simple PCB layout
Frequency synchronization input (350 kHz to 600 kHz)
Current sharing capability
Flexible startup sequencing using external soft-start, tracking and precision enable
Protection against inrush currents and faults such as input UVLO and output short circuit
– 40°C to 125°C junction temperature range
Single exposed pad and standard pinout for easy mounting and manufacturing
Fully enabled for Webench® Power Designer
Pin compatible with LMZ22010/08, LMZ12010/08, LMZ23610/06H, and LMZ13610/08/06H
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - LMZ23608

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZ23608 TI1-LMZ23608 Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23608TZ TI1-LMZ23608TZ Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23608TZ TI1-LMZ23608TZ Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module
LMZ23608TZ/NOPB TI1-LMZ23608TZ/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module
LMZ23608TZE TI1-LMZ23608TZE Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
More results

Descripción similar - LMZ23608

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZ23608 TI1-LMZ23608 Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23610 TI1-LMZ23610_14 Datasheet
1Mb / 32P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ22008 TI1-LMZ22008 Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage and Current Sharing
LMZ13608 TI1-LMZ13608_14 Datasheet
1Mb / 30P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ13608 TI1-LMZ13608 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ13610 TI1-LMZ13610 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ23605 TI1-LMZ23605_14 Datasheet
1Mb / 25P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ13610 TI1-LMZ13610_14 Datasheet
1Mb / 27P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ22008 TI-LMZ22008_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage and Current Sharing
LMZ22008 TI1-LMZ22008_14 Datasheet
1Mb / 27P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com