Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2795 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza LM2795
Descripción Electrónicos  Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2795 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2795 Datasheet HTML 4Page - Texas Instruments LM2795 Datasheet HTML 5Page - Texas Instruments LM2795 Datasheet HTML 6Page - Texas Instruments LM2795 Datasheet HTML 7Page - Texas Instruments LM2795 Datasheet HTML 8Page - Texas Instruments LM2795 Datasheet HTML 9Page - Texas Instruments LM2795 Datasheet HTML 10Page - Texas Instruments LM2795 Datasheet HTML 11Page - Texas Instruments LM2795 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
LM2794/95
2.7 - 5.5V
CIN
1 …F
(3/2)x
Charge Pump
VIN
GND
POUT
CPOUT
1 …F
SD
C2
1 …F
C1
1 …F
Voltage
Reference
Brightness
Control
BRGT
RSET
D4
D3
D2
D1
*(Only on
LM2795)
10PA
*
110 k:
130 k:
330 k:
LM2794, LM2795
SNVS168K – MAY 2004 – REVISED MAY 2004
www.ti.com
Functional Block Diagram
Application Information
CIRCUIT DESCRIPTION
The LM2794/5 is a 1.5x/1x CMOS charge pump with four matched constant current outputs, each capable of
driving up to 20mA through White LEDs. This device operates over the extended Li-Ion battery range from 2.7V
to 5.5V. The LM2794/5 has four regulated current sources connected to the device's 1.5x charge pump output
(POUT). At input voltages below 4.7V (typ.), the charge-pump provides the needed voltage to drive high forward
voltage drop White LEDs. It does this by stepping up the POUT voltage 1.5 times the input voltage. The charge
pump operates in Pass Mode, providing a voltage on POUT equal to the input voltage, when the input voltage is at
or above 4.7V (typ.). The device can drive up to 80mA through any combination of LEDs connected to the
constant current outputs D1-D4.
To set the LED drive current, the device uses a resistor connected to the ISET pin to set a reference current. This
reference current is then multiplied and mirrored to each constant current output. The LED brightness can then
be controlled by analog and/or digital methods. Applying an analog voltage in the range of 0V to 3.0V to the
Brightness pin (BRGT) adjusts the dimming profile of the LEDs. The digital technique uses a PWM (Pulse Width
Modulation) signal applied to the Shutdown pin (SD). (see ISET and BRGT PINS section).
SOFT START
Soft start is implemented internally by ramping the reference voltage more slowly than the applied voltage.
During soft start, the current through the LED outputs will ramp up in proportion to the rate that the reference
voltage is being ramped up.
SHUTDOWN MODE
The shutdown pin (SD) disables the part and reduces the quiescent current to 2.3µA (typ.).
The LM2795 has an active-high shutdown pin (HIGH = shutdown, LOW = operating). An internal pull-up is
connected between SD and VIN of the LM2795. This allows the use of open-drain logic control of the LM2795
shutdown, as shown in Figure 2. The LM2795 SD pin can also be driven with a rail-to-rail CMOS logic signal.
8
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: LM2794 LM2795


Número de pieza similar - LM2795

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2795 TI1-LM2795 Datasheet
1Mb / 24P
[Old version datasheet]   LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM27951 NSC-LM27951 Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27951 TI1-LM27951 Datasheet
873Kb / 20P
[Old version datasheet]   White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
logo
National Semiconductor ...
LM27951SD NSC-LM27951SD Datasheet
605Kb / 10P
   White LED Adaptive 1.5X/1X Switched Capacitor Current Driver
logo
Texas Instruments
LM27951SD TI1-LM27951SD Datasheet
873Kb / 20P
[Old version datasheet]   White LED Adaptive 1.5/1 Switched-Capacitor Current Driver
More results

Descripción similar - LM2795

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2794 NSC-LM2794 Datasheet
487Kb / 16P
   Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
Texas Instruments
LM2794 TI1-LM2794 Datasheet
1Mb / 24P
[Old version datasheet]   LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
logo
National Semiconductor ...
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
Texas Instruments
LM2791 TI1-LM2791 Datasheet
1Mb / 18P
[Old version datasheet]   LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
TPS60231 TI-TPS60231 Datasheet
409Kb / 16P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
TPS60230 TI1-TPS60230_14 Datasheet
989Kb / 21P
[Old version datasheet]   WHITE LED CHARGE PUMP CURRENT SOURCE WITH PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
SG Micro Corp
SGM3124 SGMICRO-SGM3124 Datasheet
378Kb / 17P
   White LED Charge Pump Current Source with PWM Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com