Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3674 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza LM3674
Descripción Electrónicos  2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3674 Datasheet(HTML) 3 Page - Texas Instruments

  LM3674_14 Datasheet HTML 1Page - Texas Instruments LM3674_14 Datasheet HTML 2Page - Texas Instruments LM3674_14 Datasheet HTML 3Page - Texas Instruments LM3674_14 Datasheet HTML 4Page - Texas Instruments LM3674_14 Datasheet HTML 5Page - Texas Instruments LM3674_14 Datasheet HTML 6Page - Texas Instruments LM3674_14 Datasheet HTML 7Page - Texas Instruments LM3674_14 Datasheet HTML 8Page - Texas Instruments LM3674_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LM3674
www.ti.com
SNVS405E – DECEMBER 2005 – REVISED SEPTEMBER 2006
Absolute Maximum Ratings
(1)
VIN Pin: Voltage to GND
−0.2V to 6.0V
EN, FB, SW Pin:
(GND
−0.2V) to
(VIN + 0.2V)
Continuous Power Dissipation
Internally Limited
Junction Temperature (TJ-MAX)
+125°C
Storage Temperature Range
−65°C to +150°C
Maximum Lead Temperature
260°C
(Soldering, 10 sec.)
ESD Rating (2)
Human Body model: All Pins
2 kV
Machine Model: All Pins
200V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin (MIL-STD-883 3015.7). National Semiconductor recommends that all intergrated circuits be
handled with appropriate precautions. Failure to observe proper ESD handling techniques can result in damage.
Operating Ratings
(1) (2)
Input Voltage Range (3)
2.7V to 5.5V
Recommended Load Current
0A to 600 mA
Junction Temperature (TJ) Range
−30°C to +125°C
Ambient Temperature (TA) Range
−30°C to +85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under
which operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed
performance limits and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Input voltage range recommended for ideal applications performance for the specified output voltages are given below
VIN = 2.7V to 5.5V for 1.0V ≤ VOUT < 1.8V
VIN = ( VOUT + VDROP OUT) to 5.5V for 1.8 ≤ VOUT≤ 3.3VWhere VDROP OUT = ILOAD * (RDSON (P) + RINDUCTOR)
Thermal Properties
Junction-to-Ambient Thermal Resistance (
θJA) (SOT23-5) for a 2
Junction-to-Ambient Thermal Resistance (
θJA) (SOT23-5) for a 4
layer board (Note 6)
layer board (Note 6)
250°C/W
130°C/W
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3674


Número de pieza similar - LM3674_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3674 TI-LM3674_15 Datasheet
4Mb / 26P
[Old version datasheet]   LM3674 2-MHz, 600-mA Step-Down DC-DC Converter in SOT-23
More results

Descripción similar - LM3674_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
logo
National Semiconductor ...
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
Linear Technology
LTC1701 LINER-LTC1701 Datasheet
138Kb / 12P
   1MHz Step-Down DC/DC Converter in SOT-23
logo
National Semiconductor ...
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com