Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM25010 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza LM25010
Descripción Electrónicos  42V, 1.0A Step-Down Switching Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM25010 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM25010_14 Datasheet HTML 7Page - Texas Instruments LM25010_14 Datasheet HTML 8Page - Texas Instruments LM25010_14 Datasheet HTML 9Page - Texas Instruments LM25010_14 Datasheet HTML 10Page - Texas Instruments LM25010_14 Datasheet HTML 11Page - Texas Instruments LM25010_14 Datasheet HTML 12Page - Texas Instruments LM25010_14 Datasheet HTML 13Page - Texas Instruments LM25010_14 Datasheet HTML 14Page - Texas Instruments LM25010_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Current Limit
Threshold
Io
Normal Operation
Current Limited
Low Load Current
High Load Current
'I
IOCL
IPK
LM25010
www.ti.com
SNVS419C – DECEMBER 2005 – REVISED DECEMBER 2008
Figure 4. Inductor Current - Current Limit Operation
N - Channel Buck Switch and Driver
The LM25010 integrates an N-Channel buck switch and associated floating high voltage gate driver. The peak
current through the buck switch should not exceed 2A, and the load current should not exceed 1.5A. The gate
driver circuit is powered by the external bootstrap capacitor between BST and SW (C4), which is recharged each
off-time from VCC through the internal high voltage diode. The minimum off-time, nominally 260 ns, ensures
sufficient time during each cycle to recharge the bootstrap capacitor. A 0.022 µF ceramic capacitor is
recommended for C4.
Soft-Start
The soft-start feature allows the regulator to gradually reach a steady state operating point, thereby reducing
startup stresses and current surges. At turn-on, while VCC is below the under-voltage threshold (t1 in Figure 1),
the SS pin is internally grounded, and VOUT is held at 0V. When VCC exceeds the under-voltage threshold
(UVLO) an internal 11.5 µA current source charges the external capacitor (C6) at the SS pin to 2.5V (t2 in
Figure 1). The increasing SS voltage at the non-inverting input of the regulation comparator gradually increases
the output voltage from zero to the desired value. The soft-start feature keeps the load inductor current from
reaching the current limit threshold during start-up, thereby reducing inrush currents.
An internal switch grounds the SS pin if VCC is below the under-voltage lock-out threshold, or if the circuit is
shutdown using the RON/SD pin.
Thermal Shutdown
The LM25010 should be operated below the Maximum Operating Junction Temperature rating. If the junction
temperature increases during a fault or abnormal operating condition, the internal Thermal Shutdown circuit
activates typically at 175°C. The Thermal Shutdown circuit reduces power dissipation by disabling the buck
switch and the on-timer. This feature helps prevent catastrophic failures from accidental device overheating.
When the junction temperature reduces below approximately 155°C (20°C typical hysteresis), normal operation
resumes.
Applications Information
EXTERNAL COMPONENTS
The procedure for calculating the external components is illustrated with a design example. Referring to the
Block Diagram, the circuit is to be configured for the following specifications:
VOUT = 5V
VIN = 6V to 40V
FS = 175 kHz
Minimum load current = 200 mA
Maximum load current = 1.0A
Softstart time = 5 ms.
R1 and R2: These resistors set the output voltage, and their ratio is calculated from:
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM25010


Número de pieza similar - LM25010_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM25010Q1MH NSC-LM25010Q1MH Datasheet
402Kb / 18P
   42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010Q1MH/NOPB TI1-LM25010Q1MH/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25010Q1MHX NSC-LM25010Q1MHX Datasheet
402Kb / 18P
   42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010Q1MHX/NOPB TI1-LM25010Q1MHX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
LM25010 TI-LM25010_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM25010/LM25010Q 42V, 1.0A Step-Down Switching Regulator
More results

Descripción similar - LM25010_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM25010 NSC-LM25010_08 Datasheet
402Kb / 18P
   42V, 1.0A Step-Down Switching Regulator
LM25010 NSC-LM25010 Datasheet
772Kb / 17P
   42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010 TI-LM25010_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM25010/LM25010Q 42V, 1.0A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
   42V, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
TelCom Semiconductor, I...
TC2575 TELCOM-TC2575 Datasheet
168Kb / 25P
   1.0A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
[Old version datasheet]   42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
   42V, 2.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com