Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM34910 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza LM34910
Descripción Electrónicos  High Voltage (40V, 1.25A) Step Down Switching Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM34910 Datasheet(HTML) 5 Page - Texas Instruments

  LM34910_14 Datasheet HTML 1Page - Texas Instruments LM34910_14 Datasheet HTML 2Page - Texas Instruments LM34910_14 Datasheet HTML 3Page - Texas Instruments LM34910_14 Datasheet HTML 4Page - Texas Instruments LM34910_14 Datasheet HTML 5Page - Texas Instruments LM34910_14 Datasheet HTML 6Page - Texas Instruments LM34910_14 Datasheet HTML 7Page - Texas Instruments LM34910_14 Datasheet HTML 8Page - Texas Instruments LM34910_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
6.5
7.0
7.5
8.0
8.5
9.0
5.0
5.5
6.0
6.5
7.0
7.5
VIN (V)
Load Current = 500 mA
FS = 730 kHz
FS = 100 kHz
0
10
20
30
40
VIN (V)
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
RON = 400k
RON = 200k
RON = 100k
RON = 44.2k
LM34910
www.ti.com
SNVS297A – OCTOBER 2004 – REVISED FEBRUARY 2005
Typical Performance Characteristics
Figure 2. VCC vs VIN
Figure 3. ON-Time vs VIN and RON
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM34910


Número de pieza similar - LM34910_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM34910 TI-LM34910_15 Datasheet
845Kb / 18P
[Old version datasheet]   High Voltage (40V, 1.25A) Step Down Switching Regulator
More results

Descripción similar - LM34910_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM34910 TI-LM34910_15 Datasheet
845Kb / 18P
[Old version datasheet]   High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910 NSC-LM34910 Datasheet
583Kb / 11P
   High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM34910C TI-LM34910C_15 Datasheet
848Kb / 19P
[Old version datasheet]   High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910C NSC-LM34910C Datasheet
270Kb / 12P
   High Voltage (50V, 1.25A) Step Down Switching Regulator
LM2695 NSC-LM2695 Datasheet
623Kb / 14P
   High Voltage (30V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM2695 TI-LM2695_15 Datasheet
914Kb / 21P
[Old version datasheet]   LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
   1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
LTC3564 LINER-LTC3564_15 Datasheet
268Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
ON Semiconductor
LV5771QA ONSEMI-LV5771QA Datasheet
222Kb / 12P
   Step-down Voltage Switching Regulator
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com