Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM34910 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza LM34910
Descripción Electrónicos  High Voltage (40V, 1.25A) Step Down Switching Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM34910 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM34910_14 Datasheet HTML 5Page - Texas Instruments LM34910_14 Datasheet HTML 6Page - Texas Instruments LM34910_14 Datasheet HTML 7Page - Texas Instruments LM34910_14 Datasheet HTML 8Page - Texas Instruments LM34910_14 Datasheet HTML 9Page - Texas Instruments LM34910_14 Datasheet HTML 10Page - Texas Instruments LM34910_14 Datasheet HTML 11Page - Texas Instruments LM34910_14 Datasheet HTML 12Page - Texas Instruments LM34910_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
1.25A
Load Current
Increases
IPK
IOCL
IO
'I
Normal Operation
Current Limited
LM34910
www.ti.com
SNVS297A – OCTOBER 2004 – REVISED FEBRUARY 2005
Figure 7 illustrates the inductor current waveform. During normal operation the load current is Io, the average of
the ripple waveform. When the load resistance decreases the current ratchets up until the lower peak reaches
1.25A. During the Current Limited portion of Figure 7, the current ramps down to 1.25A during each off-time,
initiating the next on-time (assuming the voltage at FB is <2.5V). During each on-time the current ramps up an
amount equal to:
ΔI = (VIN - VOUT) x tON / L1
(7)
During this time the LM34910 is in a constant current mode, with an average load current (IOCL) equal to 1.25A +
ΔI/2.
Figure 7. Inductor Current - Current Limit Operation
The current limit threshold can be increased by connecting an external resistor between SGND and ISEN. The
external resistor will typically be less than 1
Ω. The peak current out of SW and ISEN must not exceed 3.5A. The
average current out of SW must be less than 3A, and the average current out of ISEN must be less than 2A.
Therefore IPK in Figure 7 must not exceed 3.5A, and IOCL must not exceed 2A.
N - Channel Buck Switch and Driver
The LM34910 integrates an N-Channel buck switch and associated floating high voltage gate driver. The peak
current allowed through the buck switch is 3.5A, and the maximum allowed average current is 3A. The gate
driver circuit works in conjunction with an external bootstrap capacitor and an internal high voltage diode. A 0.022
µF capacitor (C4) connected between BST and SW provides the voltage to the driver during the on-time. During
each off-time, the SW pin is at approximately -1V, and C4 charges from VCC through the internal diode. The
minimum off-time of 280 ns ensures a minimum time each cycle to recharge the bootstrap capacitor.
Softstart
The softstart feature allows the converter to gradually reach a steady state operating point, thereby reducing
start-up stresses and current surges. Upon turn-on, after VCC reaches the under-voltage threshold, an internal
11.5 µA current source charges up the external capacitor at the SS pin to 2.5V. The ramping voltage at SS (and
the non-inverting input of the regulation comparator) ramps up the output voltage in a controlled manner.
An internal switch grounds the SS pin if VCC is below the under-voltage lockout threshold, if a thermal shutdown
occurs, or if the RON/SD pin is grounded.
Thermal Shutdown
The LM34910 should be operated so the junction temperature does not exceed 125°C. If the junction
temperature increases, an internal Thermal Shutdown circuit, which activates (typically) at 175°C, takes the
controller to a low power reset state by disabling the buck switch and the on-timer, and grounding the Softstart
pin. This feature helps prevent catastrophic failures from accidental device overheating. When the junction
temperature reduces below 155°C (typical hysteresis = 20°C), the Softstart pin is released and normal operation
resumes.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM34910


Número de pieza similar - LM34910_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM34910 TI-LM34910_15 Datasheet
845Kb / 18P
[Old version datasheet]   High Voltage (40V, 1.25A) Step Down Switching Regulator
More results

Descripción similar - LM34910_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM34910 TI-LM34910_15 Datasheet
845Kb / 18P
[Old version datasheet]   High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910 NSC-LM34910 Datasheet
583Kb / 11P
   High Voltage (40V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM34910C TI-LM34910C_15 Datasheet
848Kb / 19P
[Old version datasheet]   High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910C NSC-LM34910C Datasheet
270Kb / 12P
   High Voltage (50V, 1.25A) Step Down Switching Regulator
LM2695 NSC-LM2695 Datasheet
623Kb / 14P
   High Voltage (30V, 1.25A) Step Down Switching Regulator
logo
Texas Instruments
LM2695 TI-LM2695_15 Datasheet
914Kb / 21P
[Old version datasheet]   LM2695 High Voltage (30V, 1.25A) Step Down Switching Regulator
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
   1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Linear Technology
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
LTC3564 LINER-LTC3564_15 Datasheet
268Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
ON Semiconductor
LV5771QA ONSEMI-LV5771QA Datasheet
222Kb / 12P
   Step-down Voltage Switching Regulator
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com