Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB2518T470M Datasheet(PDF) 11 Page - Taiyo Yuden (U.S.A.), Inc

No. de pieza LB2518T470M
Descripción Electrónicos  Please read this notice before using the TAIYO YUDEN products
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Página de inicio  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LB2518T470M Datasheet(HTML) 11 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LB2518T470M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LB2518T470M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LB2518T470M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LB2518T470M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LB2518T470M Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LB2518T470M Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LB2518T470M Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc LB2518T470M Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc LB2518T470M Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_wound_CB_LB_reli_e-E02R01
12.Resistance to vibration
Specified Value
LB, LBC, LBR, LBMF Series
Inductance change : Within±10%
No significant abnormality in appearance.
CB, CBC, CBL, CBMF Series
LBM Series
Inductance change : Within±5%
No significant abnormality in appearance.
Test Methods and
Remarks
LB・LBR・LBC・CB・CBC・CBL・LBM・LBMF・CBMF : According to JIS C5102 clause 8.2.
Vibration type
: A
Directions
: 2 hrs each in X, Y and Z directions. Total:6 hrs
Frequency range
: 10 to 55 to 10 Hz(1min.)
Amplitude
: 1.5mm
Mounting method
: Soldering onto printed board
Recovery
: At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48
hrs.
13.Drop test
Specified Value
LB, LBC, LBR, LBMF Series
CB, CBC, CBL, CBMF Series
LBM Series
14.Solderability
Specified Value
LB, LBC, LBR, LBMF Series
At least 90% of surface of terminal electrode is covered by new
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF:
Solder temperature
: 245±5℃
Duration
: 5±0.5sec
Flux
: Methanol solution with 25% of colophony
15.Resistance to soldering
Specified Value
LB, LBC, LBR, LBMF Series
Inductance change : Within±10%
CB, CBC, CBL, CBMF Series
LBM Series
Inductance change : Within±5%
Test Methods and
Remarks
LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF:
3 times of reflow oven at 230℃ MIN for 40sec. with peak temperature at 260 ℃ for 5sec.
16.Resisitance to solvent
Specified Value
LB, LBC, LBR, LBMF Series
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
Solvent temperature
: Room temperature
Type of solvent
: Isopropyl alcohol
Cleaning conditions
: 90s. Immersion and cleaning.
17.Thermal shock
Specified Value
LB, LBC, LBR, LBMF Series
Inductance change : Within±10%
No significant abnormality in appearance.
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
LB・LBC・LBR・CB・CBC・CBL・LBM・LBMF・CBMF:-40~+85℃, maintain times 30min. ,100 cycle
Recovery
: At least 2 hrs of recovery under the standard condition after the test, followed by the measurement within 48 hrs.


Número de pieza similar - LB2518T470M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiyo Yuden (U.S.A.), I...
LB2518T470M TAIYO-YUDEN-LB2518T470M Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T470M TAIYO-YUDEN-LB2518T470M Datasheet
360Kb / 3P
   Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
2021/8/3
LB2518T470M8 TAIYO-YUDEN-LB2518T470M8 Datasheet
294Kb / 3P
   Wire-wound Chip Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (LB series)[LB]
LB2518T470MV TAIYO-YUDEN-LB2518T470MV Datasheet
137Kb / 1P
   Wire-wound Chip Inductors for Automotive
LB2518T470MV TAIYO-YUDEN-LB2518T470MV Datasheet
276Kb / 2P
   Wire-wound Chip Inductors for Medical / Industrial Applications (LB series)[LB]
More results

Descripción similar - LB2518T470M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiyo Yuden (U.S.A.), I...
NR8040T150M TAIYO-YUDEN-NR8040T150M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LBC2518T331M TAIYO-YUDEN-LBC2518T331M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL10TB122J TAIYO-YUDEN-LHL10TB122J Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
NR5040T6R8M TAIYO-YUDEN-NR5040T6R8M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LB2012T101M TAIYO-YUDEN-LB2012T101M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL13TB151K TAIYO-YUDEN-LHL13TB151K Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LHL08TB1R5M TAIYO-YUDEN-LHL08TB1R5M Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2016T330M TAIYO-YUDEN-LB2016T330M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
JMK105BJ474KV-F TAIYO-YUDEN-JMK105BJ474KV-F Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
JMK212BJ226MD-T TAIYO-YUDEN-JMK212BJ226MD-T Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com